Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV70521MN003G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV70521MN003G
Description  Micro-Stepping Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70521MN003G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV70521MN003G Datasheet HTML 4Page - ON Semiconductor NCV70521MN003G Datasheet HTML 5Page - ON Semiconductor NCV70521MN003G Datasheet HTML 6Page - ON Semiconductor NCV70521MN003G Datasheet HTML 7Page - ON Semiconductor NCV70521MN003G Datasheet HTML 8Page - ON Semiconductor NCV70521MN003G Datasheet HTML 9Page - ON Semiconductor NCV70521MN003G Datasheet HTML 10Page - ON Semiconductor NCV70521MN003G Datasheet HTML 11Page - ON Semiconductor NCV70521MN003G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AMIS−30521, NCV70521
http://onsemi.com
8
Table 6. AC PARAMETERS (AC Parameters are Given for VBB and Temperature in Their Operating Ranges)
Symbol
Pin(s)
Parameter
Remark/Test Conditions
Min
Typ
Max
Unit
INTERNAL OSCILLATOR
fosc
Frequency of Internal Oscillator
3.6
4
4.4
MHz
MOTORDRIVER
fPWM
MOTxx
PWM Frequency
Frequency Depends Only on
Internal Oscillator
20.8
22.8
24.8
kHz
Double PWM Frequency
41.6
45.6
49.6
kHz
fd
PWM Jitter Depth (Note 13)
10
% fPWM
Tbrise
MOTxx Turn−On Voltage Slope, 10% to 90%
(Note 13)
EMC[1:0] = 00
150
V/ms
EMC[1:0] = 01
100
V/ms
EMC[1:0] = 10
50
V/ms
EMC[1:0] = 11
25
V/ms
Tbfall
MOTxx Turn−off Voltage Slope, 90% to 10%
(Note 13)
EMC[1:0] = 00
150
V/ms
EMC[1:0] = 01
100
V/ms
EMC[1:0] = 10
50
V/ms
EMC[1:0] = 11
25
V/ms
DIGITAL OUTPUTS
TH2L
DO
ERR
Output Falltime from VinH to VinL
Capacitive Load 400 pF and
Pullup Resistor of 1.5 kW
50
ns
CHARGE PUMP
fCP
CPN
CPP
Charge Pump Frequency
250
kHz
TCPU
MOTxx Startup Time of Charge Pump (Note 14) Spec External Components
5
ms
CLR FUNCTION
tCLR
CLR
Minimum Time for Hard Reset
100
ms
NXT FUNCTION
tNXT_HI
NXT
NXT Minimum, High Pulse Width
See Figure 4
2.0
ms
tNXT_LO
NXT Minimum, Low Pulse Width
See Figure 4
2.0
ms
tDIR_SET
NXT Hold Time, Following Change of
DIR
See Figure 4
2.0
ms
tDIR_HOLD
NXT Hold Time, Before Change of DIR
See Figure 4
2.0
ms
13.Characterization Data Only
14.Guaranteed by design.
DIR
NXT
VALID
tNXT_HI
tNXT_LO
tDIR_SET
tDIR_HOLD
0.5 VCC
Figure 4. NXT−Input Timing Diagram


Similar Part No. - NCV70521MN003G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70521MN003G ONSEMI-NCV70521MN003G Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results

Similar Description - NCV70521MN003G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com