Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30622C6228RG Datasheet(PDF) 7 Page - ON Semiconductor

Part # AMIS30622C6228RG
Description  I2C Micro-Stepping Motor Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30622C6228RG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AMIS30622C6228RG Datasheet HTML 3Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 4Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 5Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 6Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 7Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 8Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 9Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 10Page - ON Semiconductor AMIS30622C6228RG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
AMIS−30622
http://onsemi.com
7
Table 5. DC PARAMETERS
Symbol
Pin(s)
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY AND VOLTAGE REGULATOR
VDD
VDD
Regulated internal supply
(Note 12)
8 V < VBB < 29 V
4.75
5
5.50
V
VddReset
Digital supply reset level @
power down (Note 13)
4.5
V
IddLim
Current limitation
Pin shorted to ground
VBB = 14 V
45
mA
SWITCH INPUT AND HARDWIRE ADDRESS INPUT
Rt_OFF
SWI HW
Switch OPEN resistance
(Note 14)
10
kW
Rt_ON
Switch ON resistance
(Note 14)
Switch to GND or VBB
2
kW
Vbb_sw
VBB range for guaranteed
operation of SWI and HW
6
29
V
Ilim_sw
Current limitation
Short to GND or Vbat
VBB = 29 V
20
30
45
mA
TEST PINS
Vihigh
TSTx
Input level high
VBB = 14 V
0.7 * Vdd
V
Vilow
Input level low
VBB = 14 V
0.3 * Vdd
V
Vihyst
Hysteresis
VBB = 14 V
0.075 * Vdd
V
CHARGE PUMP
Vcp
VCP
Output voltage
7 V ≤ VBB ≤ 14 V
2 * VBB − 2.5
V
14 V ≤ VBB ≤ 30 V
VBB + 10
VBB + 15
V
Cbuffer
External buffer capacitor
220
470
nF
Cpump
CPP
CPN
External pump capacitor
220
470
nF
PACKAGE THERMAL RESISTANCE VALUES
Rthja
SO
Thermal resistance junction
to ambient (2S2P)
Simulated conform
JEDEC JESD51
39
K/W
Rthjp
SO
Thermal resistance junction
to leads
19
K/W
Rthja
NQ
Thermal resistance junction
to ambient (2S2P)
30
K/W
Rthjp
NQ
Thermal resistance junction
to leads and exposed pad
0.95
K/W
12.Pin VDD must not be used for any external supply
13.The RAM content will not be altered above this voltage.
14.External resistance value seen from pin SWI or HW, including 1 kW series resistor. For the switch OPEN, the maximum allowed leakage
current is represented by a minimum resistance seen from the pin.


Similar Part No. - AMIS30622C6228RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30622C6228RG ONSEMI-AMIS30622C6228RG Datasheet
495Kb / 42P
   I짼C Micro-Stepping Motor Driver
June 2008 ??Rev. 3
More results

Similar Description - AMIS30622C6228RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30624 ONSEMI-AMIS-30624 Datasheet
1Mb / 56P
   I2C Micro-stepping Motor Driver
June 2008 ??Rev. 4
AMIS-30624 ONSEMI-AMIS-30624_13 Datasheet
596Kb / 52P
   I2C Micro-stepping Motor Driver
September, 2009 ??Rev. 5
AMIS-30624 ONSEMI-AMIS-30624_V01 Datasheet
685Kb / 53P
   I2C Micro-stepping Motor Driver
September, 2009 - Rev. 5
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com