Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4139 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT4139
Description  22V High Current Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4139 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT4139_16 Datasheet HTML 5Page - ON Semiconductor CAT4139_16 Datasheet HTML 6Page - ON Semiconductor CAT4139_16 Datasheet HTML 7Page - ON Semiconductor CAT4139_16 Datasheet HTML 8Page - ON Semiconductor CAT4139_16 Datasheet HTML 9Page - ON Semiconductor CAT4139_16 Datasheet HTML 10Page - ON Semiconductor CAT4139_16 Datasheet HTML 11Page - ON Semiconductor CAT4139_16 Datasheet HTML 12Page - ON Semiconductor CAT4139_16 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT4139
www.onsemi.com
10
Dimming Control
There are several methods available to control the LED
brightness.
PWM Signal on the SHDN Pin
LED brightness dimming can be done by applying a PWM
signal to the SHDN input. The LED current is repetitively
turned on and off, so that the average current is proportional
to the duty cycle. A 100% duty cycle, with SHDN always
high, corresponds to the LEDs at nominal current. Figure 23
shows a 1 kHz signal with a 50% duty cycle applied to the
SHDN pin. The recommended PWM frequency range is from
100 Hz to 2 kHz.
Figure 23. Switching Waveform with 1 kHz
PWM on SHDN
Filtered PWM Signal
A filtered PWM signal used as a variable DC voltage can
control the LED current. Figure 24 shows the PWM control
circuitry connected to the CAT4139 FB pin. The PWM
signal has a voltage swing of 0 V to 2.5 V. The LED current
can be dimmed within a range from 0 mA to 20 mA. The
PWM signal frequency can vary from very low frequency
and up to 100 kHz.
Figure 24. Circuit for Filtered PWM Signal
VIN
SW
CAT4139
0 V
2.5 V
R1
15
W
R2
1 k
W
3.1 k
W
3.73 k
W
C3
0.22
mF
LED
Current
PWM
Signal
FB
GND
RA
SHDN
VIN
RB
VFB = 300 mV
A PWM signal at 0 V DC, or a 0% duty cycle, results in
a max LED current of about 22 mA. A PWM signal with a
93% duty cycle or more, results in an LED current of 0 mA.
Figure 25. Filtered PWM Dimming (0 V to 2.5 V)
25
20
15
10
5
0
0
102030
4050
60
70
8090 100
PWM DUTY CYCLE (%)


Similar Part No. - CAT4139_16

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4139TD-GT3 CATALYST-CAT4139TD-GT3 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
More results

Similar Description - CAT4139_16

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4139 CATALYST-CAT4139 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Eutech Microelectronics...
EUP2588 EUTECH-EUP2588 Datasheet
134Kb / 1P
   4 Strings High Current White LED Driver with Boost Controller
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com