Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV4109 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAV4109
Description  3-Channel Constant-Current RGB LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV4109 Datasheet(HTML) 3 Page - ON Semiconductor

  CAV4109 Datasheet HTML 1Page - ON Semiconductor CAV4109 Datasheet HTML 2Page - ON Semiconductor CAV4109 Datasheet HTML 3Page - ON Semiconductor CAV4109 Datasheet HTML 4Page - ON Semiconductor CAV4109 Datasheet HTML 5Page - ON Semiconductor CAV4109 Datasheet HTML 6Page - ON Semiconductor CAV4109 Datasheet HTML 7Page - ON Semiconductor CAV4109 Datasheet HTML 8Page - ON Semiconductor CAV4109 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT4109, CAV4109
www.onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS (Min and Max values are over recommended operating conditions
unless specified otherwise. Typical values are at VDD = 5.0 V, TAMB = 25°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
DC CHARACTERISTICS
IDD1
Supply Current Outputs Off
VLED = 5 V, RSET = 24.9 kW
2
5
mA
IDD2
Supply Current Outputs Off
VLED = 5 V, RSET = 5.23 kW
4
10
mA
IDD3
Supply Current Outputs On
VLED = 0.5 V, RSET = 24.9 kW
2
5
mA
IDD4
Supply Current Outputs On
VLED = 0.5 V, RSET = 5.23 kW
4
10
mA
ISHDN
Shutdown Current
VOE = 0 V
1
mA
ILKG
LED Output Leakage
VLED = 5 V, Outputs Off
−1
1
mA
ROE
OE Pull−down Resistance
140
190
250
kW
VOE_IH
VOE_IL
OE Logic High Level
OE Logic Low Level
1.3
0.4
V
VPWM_IH
VPWM_IL
PWMx Logic High Level
PWMx Logic Low Level
0.7 x VDD
0.3 x VDD
V
IIL
Logic Input Leakage Current (PWMx)
VPWMx = VDD or GND
−5
0
5
mA
VRSETx
RSETx Regulated Voltage
1.17
1.2
1.23
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
ILED/IRSET
RSET to LED Current Gain Ratio
100 mA LED Current
400
VUVLO
Undervoltage Lockout (UVLO)
Threshold
1.8
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 4. RECOMMENDED TIMING (Min and Max values are over recommended operating conditions unless specified otherwise.
Typical values are at VDD = 5.0 V, TAMB = 25°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
tPS
Turn−On time, OE rising to ILED from Shutdown
ILED = 100 mA
1.4
ms
tP1
Turn−On time, OE or PWMx rising to ILED
ILED = 100 mA
600
ns
tP2
Turn−Off time, OE or PWMx falling to ILED
ILED = 100 mA
300
ns
tR
LED rise time
ILED = 100 mA
300
ns
tF
LED fall time
ILED = 100 mA
300
ns
tLO
OE low time
1
ms
tHI
OE high time
5
ms
tPWRDWN
OE low time to shutdown delay
4
8
ms


Similar Part No. - CAV4109

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results

Similar Description - CAV4109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com