Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4237TD-T3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT4237TD-T3
Description  High Voltage CMOS Boost White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4237TD-T3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT4237TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 9Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 10Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 11Page - ON Semiconductor CAT4237TD-T3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT4237
http://onsemi.com
9
Open LED Protection
In the event of an “Open LED” fault condition, the
CAT4237 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 35 V. Once the output exceeds this level, the
internal circuitry immediately places the device into a very
low power mode where the total input power is limited to
about 4 mW (about 1 mA input current with a 3.6 V supply).
The SW pin clamps at a voltage below its maximum rating
of 60 V. There is no need to use an external zener diode
between Vout and the FB pin. A 50 V rated C2 capacitor is
required to prevent any overvoltage damage in the open
LED condition.
Figure 21. Open LED Protection without Zener
VIN
CAT4237
L
Schottky 100 V
(Central CMSH1−100)
R1
15 W
4.7 mF
0.22 mF
FB
SW
GND
OFF ON
33 mH
VIN
C1
VOUT
SHDN
VFB = 300 mV
C2
Figure 22. Open LED Switching Waveforms without
Zener
10 msec/div
SW PIN
10 V/div
Figure 23. Open LED Supply Current vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
Figure 24. Open LED Output Voltage vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
30
35
40
45
50


Similar Part No. - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237TD-T3 CATALYST-CAT4237TD-T3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
More results

Similar Description - CAT4237TD-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com