Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33152PG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33152PG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33152PG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33152PG Datasheet HTML 4Page - ON Semiconductor MC33152PG Datasheet HTML 5Page - ON Semiconductor MC33152PG Datasheet HTML 6Page - ON Semiconductor MC33152PG Datasheet HTML 7Page - ON Semiconductor MC33152PG Datasheet HTML 8Page - ON Semiconductor MC33152PG Datasheet HTML 9Page - ON Semiconductor MC33152PG Datasheet HTML 10Page - ON Semiconductor MC33152PG Datasheet HTML 11Page - ON Semiconductor MC33152PG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
8
LAYOUT CONSIDERATIONS
High frequency printed circuit layout techniques are
imperative to prevent excessive output ringing and
overshoot. Do not attempt to construct the driver circuit
on wire−wrap or plug−in prototype boards. When
driving large capacitive loads, the printed circuit board
must contain a low inductance ground plane to minimize
the voltage spikes induced by the high ground ripple
currents. All high current loops should be kept as short as
possible using heavy copper runs to provide a low
impedance high frequency path. For optimum drive
performance, it is recommended that the initial circuit
design contains dual power supply bypass capacitors
connected with short leads as close to the VCC pin and
ground as the layout will permit. Suggested capacitors are
a low inductance 0.1
mF ceramic in parallel with a 4.7 mF
tantalum. Additional bypass capacitors may be required
depending upon Drive Output loading and circuit layout.
Proper printed circuit board layout is extremely
critical and cannot be over emphasized.
Figure 18. Enhanced System Performance with
Common Switching Regulators
Figure 19. MOSFET Parasitic Oscillations
The MC34152 greatly enhances the drive capabilities of common switching
regulators and CMOS/TTL logic devices.
Series gate resistor Rg may be needed to damp high frequency parasitic oscillations
caused by the MOSFET input capacitance and any series wiring inductance in the
gate-source circuit. Rg will decrease the MOSFET switching speed. Schottky diode
D1 can reduce the driver's power dissipation due to excessive ringing, by preventing
the output pin from being driven below ground.
-
+
Vin
Rg
D1
1N5819
TL494
or
TL594
VCC
47
0.1
6
5.7V
2
4
3
7
5
Vin
Figure 20. Direct Transformer Drive
Figure 21. Isolated MOSFET Drive
Output Schottky diodes are recommended when driving inductive loads at high
frequencies. The diodes reduce the driver's power dissipation by preventing the
output pins from being driven above VCC and below ground.
3
5
7
4 X
1N5819
Isolation
Boundary
1N
5819
3


Similar Part No. - MC33152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33152PG ONSEMI-MC33152PG Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC33152PG ONSEMI-MC33152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
More results

Similar Description - MC33152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com