Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30082D Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL30082D
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCL30082D Datasheet HTML 3Page - ON Semiconductor NCL30082D Datasheet HTML 4Page - ON Semiconductor NCL30082D Datasheet HTML 5Page - ON Semiconductor NCL30082D Datasheet HTML 6Page - ON Semiconductor NCL30082D Datasheet HTML 7Page - ON Semiconductor NCL30082D Datasheet HTML 8Page - ON Semiconductor NCL30082D Datasheet HTML 9Page - ON Semiconductor NCL30082D Datasheet HTML 10Page - ON Semiconductor NCL30082D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
NCL30082
www.onsemi.com
7
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V;
For min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V)
Description
Unit
Max
Typ
Min
Symbol
Test Condition
VALLEY SELECTION
Valley thresholds
1st to 2nd valley transition at LL and 2nd to 3rd valley HL
2nd to 1st valley transition at LL and 3rd to 2nd valley HL
2nd to 4th valley transition at LL and 3rd to 5th valley HL
4th to 2nd valley transition at LL and 5th to 3rd valley HL
4th to 7th valley transition at LL and 5th to 8th valley HL
7th to 4th valley transition at LL and 8th to 5th valley HL
7th to 11th valley transition at LL and 8th to 12th valley HL
11th to 7th valley transition at LL and 12th to 8th valley HL
11th to 13th valley transition at LL and 12th to 15th valley HL
13th to 11th valley transition at LL and 15th to 12th valley HL
VREF decreases
VREF increases
VREF decreases
VREF increases
VREF decreases
VREF increases
VREF decreases
VREF increases
VREF decreases
VREF increases
VVLY1−2/2−3
VVLY2−1/3−2
VVLY2−4/3−5
VVLY4−2/5−3
VVLY4−7/5−8
VVLY7−4/8−5
VVLY7−11/8−12
VVLY11−7/12−8
VVLY11−13/12−15
VVLY13−11/15−12
177.5
185.0
117.5
125.0
187.5
195.0
125.0
132.5
75.0
82.5
37.5
50.0
15.0
20.0
197.5
205.0
132.5
140.0
mV
DIMMING SECTION
DIM pin voltage for zero output current (OFF voltage)
VDIM(EN)
0.66
0.7
0.74
V
DIM pin voltage for maximum output current
VDIM100
2.25
2.45
2.65
V
Dimming range
VDIM(range)
1.75
V
Clamping voltage for DIM pin
VDIM(CLP)
7.8
V
Dimming pin pull−up current source
IDIM(pullup)
280
nA
THERMAL FOLD−BACK AND OVP
Reference current for direct connection of an NTC (Note 6)
IOTP(REF)
80
85
90
SD pin voltage at which thermal fold−back starts
VTF(start)
0.9
1
1.1
V
SD pin voltage at which thermal fold−back stops
(Iout = 50% Iout(nom))
VTF(stop)
0.64
0.68
0.72
V
SD pin voltage at which thermal fold−back stops
NCL30082D (Iout = 25% Iout(nom))
VTF(stop)D
0.86
0.90
0.94
V
Reference current for direct connection of an NTC
IOTP(REF)
80
85
90
mA
Fault detection level for OTP
VSD decreasing
VOTP(off)
0.47
0.5
0.53
V
Fault detection level for OTP NCL30082D
VOTP(off)D
0.81
0.85
0.89
V
SD pin level at which controller re−start switching after OTP
detection
VSD increasing
VOTP(on)
0.64
0.68
0.72
V
SD pin level at which controller re−start switching after OTP
detection NCL30082D
VOTP(on)D
0.86
0.9
0.94
V
SD pin Over temperature Protection Hysteresis NCL30082D
VOTP(hys)D
15
50
100
mV
VTF(start) over IOTP(REF) ratio (Note 5)
TJ = +25°C to +125°C
RTF(start)
10.8
11.7
12.6
k
W
VTF(stop) over IOTP(REF) ratio (Note 5)
TJ = +25°C to +125°C
RTF(stop)
7.4
8.0
8.6
k
W
VOTP(off) over IOTP(REF) ratio (Note 5)
TJ = +25°C to +125°C
ROTP(off)
5.4
5.9
6.4
k
W
VOTP(on) over IOTP(REF) ratio (Note 5)
TJ = +25°C to +125°C
ROTP(on)
7.4
8.0
8.6
k
W
VTF(stop) over IOTP(REF) ratio NCL30082D (Note 5)
TJ = +25°C to +125°C
RTF(stop)D
9.9
10.5
11.1
k
W
VOTP(off) over IOTP(REF) ratio NCL30082D (Note 5)
TJ = +25°C to +125°C
ROTP(off)D
9.4
10.0
10.6
k
W
VOTP(on) over IOTP(REF) ratio NCL30082D (Note 5)
TJ = +25°C to +125°C
ROTP(on)D
9.9
10.5
11.1
k
W
5. A NTC is generally placed between the SD and GND pins. Parameters RTF(start), RTF(stop), ROTP(off) and ROTP(on) give the resistance the
NTC must exhibit to respectively, enter thermal foldback, stop thermal foldback, trigger the OTP limit and allow the circuit recovery after
an OTP situation.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Guaranteed by design.


Similar Part No. - NCL30082D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30082A ONSEMI-NCL30082A Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082ADMR2G ONSEMI-NCL30082ADMR2G Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082B ONSEMI-NCL30082B Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082B1 ONSEMI-NCL30082B1 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
More results

Similar Description - NCL30082D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com