Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30082B1DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL30082B1DR2G
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082B1DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCL30082B1DR2G Datasheet HTML 1Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 2Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 3Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 4Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 5Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 6Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 7Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 8Page - ON Semiconductor NCL30082B1DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
NCL30082
www.onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V;
For min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V)
Description
Unit
Max
Typ
Min
Symbol
Test Condition
CURRENT SENSE
Maximum Internal current limit
VILIM
0.95
1
1.05
V
Leading Edge Blanking Duration for VILIM
(Tj = −25°C to 125°C) (Not applicable for NCL30082D)
tLEB
250
300
350
ns
Leading Edge Blanking Duration for VILIM
(Tj = −40°C to 125°C)
tLEB
240
300
350
ns
Input Bias Current
DRV high
Ibias
0.02
mA
Propagation delay from current detection to gate off−state
tILIM
50
150
ns
Threshold for immediate fault protection activation
VCS(stop)
1.35
1.5
1.65
V
Leading Edge Blanking Duration for VCS(stop)
tBCS
120
ns
Blanking time for CS to GND short detection VpinVIN = 1 V
tCS(blank1)
6
12
ms
Blanking time for CS to GND short detection VpinVIN = 1 V
NCL30082D
tCS(blank1)D
8
10.7
14
ms
Blanking time for CS to GND short detection VpinVIN = 3.3 V
tCS(blank2)
2
4
ms
Blanking time for CS to GND short detection VpinVIN = 3.3 V
NCL30082D
tCS(blank2)D
2.6
3.6
4.6
ms
GATE DRIVE
Drive Resistance
DRV Sink
DRV Source
RSNK
RSRC
13
30
W
Drive current capability
DRV Sink (Note 6)
DRV Source (Note 6)
ISNK
ISRC
500
300
mA
Rise Time (10% to 90%)
CDRV = 470 pF
tr
40
ns
Fall Time (90% to 10%)
CDRV = 470 pF
tf
30
ns
DRV Low Voltage
VCC = VCC(off)+0.2 V
CDRV = 470 pF,
RDRV = 33 kW
VDRV(low)
8
V
DRV High Voltage
VCC = 30 V
CDRV = 470 pF,
RDRV = 33 kW
VDRV(high)
10
12
14
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Guaranteed by design.


Similar Part No. - NCL30082B1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082B1DMR2G ONSEMI-NCL30082B1DMR2G Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
More results

Similar Description - NCL30082B1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com