Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR40402F25TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZR40402F25TA
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR40402F25TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZR40402F25TA Datasheet HTML 1Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 2Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 3Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 4Page - Diodes Incorporated ZR40402F25TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZR4040-2.5
ZR4040-2.5
Document number: DS32180 Rev. 5 - 2
1 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Description
The ZR4040-2.5 uses a bandgap circuit design to achieve a
precision micropower voltage reference of 2.5 volts. The
device is available in a small outline surface mount package,
ideal for applications where space saving is important, as
well as packages for through hole requirements.
The ZR4040-2.5 design provides a stable voltage without an
external capacitor and is stable with capacitive loads. The
ZR4040-2.5 is recommended for operation between 60
μA
and 15mA and so is ideally suited to low power and battery
powered applications.
Excellent
performance
is
maintained
to
an
absolute
maximum of 25mA, however the rugged design and 20 volt
processing allows the reference to withstand transient
effects and currents up to 200mA. Superior switching
capability allows the device to reach stable operating
conditions in only a few microseconds.
Features
Small outline SOT23 package
No stabilizing capacitor required
Typical TC 30ppm/°C
Typical slope resistance 0.4
2%, 1% and 0.5% tolerance
Industrial temperature range
Operating current 60
μA to 15mA
Transient response, stable in less than 10
μs
Green molding compound (No Br, Sb)
Applications
Battery powered and portable equipment
Metering and measurement systems
Instrumentation
Test equipment
Data acquisition systems
Precision power supplies
Pin Assignments
SOT23 Package Suffix - F
(Top View)
Pin 1 floating or connected to pin 2
E-Line, 3 pin, Rev Package Suffix – R
(Bottom View)
Pin 3 floating or connected to pin 1
Typical Application Circuit
OBSOLETE


Similar Part No. - ZR40402F25TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402F25TA DIODES-ZR40402F25TA Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZR40402F25TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com