Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2003IZQCR Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2003IZQCR
Description  I2C TOUCH SCREEN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003IZQCR Datasheet(HTML) 1 Page - Texas Instruments

  TSC2003IZQCR Datasheet HTML 1Page - Texas Instruments TSC2003IZQCR Datasheet HTML 2Page - Texas Instruments TSC2003IZQCR Datasheet HTML 3Page - Texas Instruments TSC2003IZQCR Datasheet HTML 4Page - Texas Instruments TSC2003IZQCR Datasheet HTML 5Page - Texas Instruments TSC2003IZQCR Datasheet HTML 6Page - Texas Instruments TSC2003IZQCR Datasheet HTML 7Page - Texas Instruments TSC2003IZQCR Datasheet HTML 8Page - Texas Instruments TSC2003IZQCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
I2C TOUCH SCREEN CONTROLLER
FEATURES
q 2.5V TO 5.25V OPERATION
q INTERNAL 2.5V REFERENCE
q DIRECT BATTERY MEASUREMENT
(0.5V TO 6V)
q ON-CHIP TEMPERATURE MEASUREMENT
q TOUCH-PRESSURE MEASUREMENT
q I2C INTERFACE SUPPORTS:
Standard, Fast, and High-Speed Modes
q AUTO POWER DOWN
q TSSOP-16 AND VFBGA-48 PACKAGES
APPLICATIONS
q PERSONAL DIGITAL ASSISTANTS
q PORTABLE INSTRUMENTS
q POINT-OF-SALES TERMINALS
q PAGERS
q TOUCH SCREEN MONITORS
q CELLULAR PHONES
DESCRIPTION
The TSC2003 is a 4-wire resistive touch screen controller. It
also features direct measurement of two batteries, two aux-
iliary analog inputs, temperature measurement, and touch-
pressure measurement.
The TSC2003 has an on-chip 2.5V reference that can be
utilized for the auxiliary inputs, battery monitors, and tem-
perature-measurement modes. The reference can also be
powered down when not used to conserve power. The
internal reference will operate down to 2.7V supply voltage
while monitoring the battery voltage from 0.5V to 6V.
The TSC2003 is available in the small TSSOP-16 and
VFBGA-48 packages and is specified over the –40
°C to
+85
°C temperature range.
TSC2
003
TSC
2003
CDAC
SAR
Comparator
MUX
I2C
Interface
and
Control
Logic
SCL
SDA
A0
A1
Internal
Clock
Internal
+2.5V
REF
TEMP0
TEMP1
PENIRQ
Channel Select
V
DD
V
DD
X+
X–
Y+
Y–
V
BAT1
V
BAT2
V
REF
IN1
IN2
TSC2003
SBAS162D – NOVEMBER 2000 – REVISED SEPTEMBER 2004
www.ti.com
Copyright © 2000-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TSC2003IZQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003IPW TI1-TSC2003IPW Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWG4 TI1-TSC2003IPWG4 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWR TI1-TSC2003IPWR Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWRG4 TI1-TSC2003IPWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWRQ1 TI1-TSC2003IPWRQ1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2003IZQCR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
AK4183 AKM-AK4183_08 Datasheet
238Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com