Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5232A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5232A
Description  Keysight 2-Port and 4-Port PNA-L Network Analyzer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5232A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5232A Datasheet HTML 3Page - Keysight Technologies N5232A Datasheet HTML 4Page - Keysight Technologies N5232A Datasheet HTML 5Page - Keysight Technologies N5232A Datasheet HTML 6Page - Keysight Technologies N5232A Datasheet HTML 7Page - Keysight Technologies N5232A Datasheet HTML 8Page - Keysight Technologies N5232A Datasheet HTML 9Page - Keysight Technologies N5232A Datasheet HTML 10Page - Keysight Technologies N5232A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
This is a complete list of the technical specifications for the N5239A, N5231A and N5232A PNA-L Series
network analyzers with the following options:
2-Port, All Models
Option 200 - 2-port base model with standard test set.
Option 216 - To base model, adds front-panel jumpers, and source attenuators (extended power
range).
4-Port N5231A or N5232A
Option 400 - 4-port base model with standard test set.
Option 416 - To base model, adds front-panel jumpers, and source attenuators (extended power
range).
See block diagrams for all models and options beginning on page 37.
Definitions
All specifications and characteristics apply over a 25 °C ±5 °C range (unless otherwise stated) and 90
minutes after the instrument has been turned on.
Specification (spec.): Warranted performance. Specifications include guardbands to account for the
expected statistical performance distribution, measurement uncertainties, and changes in performance
due to environmental conditions.
Characteristic (char.): A performance parameter that the product is expected to meet before it leaves
the factory, but that is not verified in the field and is not covered by the product warranty. A
characteristic includes the same guardbands as a specification.
Typical (typ.): Expected performance of an average unit which does not include guardbands. It is not
covered by the product warranty. Typical values are produced by averaging the measured data across
each frequency band.
Nominal (nom.): A general, descriptive term that does not imply a level of performance. It is not covered
by the product warranty.
Calibration: The process of measuring known standards to characterize a network analyzer's systematic
(repeatable) errors.
Corrected (residual): Indicates performance after error correction (calibration). It is determined by the
quality of calibration standards and how well "known" they are, plus system repeatability, stability, and
noise.
Uncorrected (raw): Indicates instrument performance without error correction. The uncorrected
performance affects the stability of a calibration.
Standard: When referring to the analyzer, this includes no options unless noted otherwise.
Notes:
This document provides technical specifications for the 85052B, N4691B and N4433A calibration kits.
Please download our free Uncertainty Calculator from http://www.keysight.com/find/na_calculator to generate the
curves for your calibration kit and PNA setup.


Similar Part No. - N5232A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N523 GILWAY-N523 Datasheet
49Kb / 1P
   Green Glow Lamps(with Resistor)
logo
Agilent(Hewlett-Packard...
N5230A HP-N5230A Datasheet
510Kb / 40P
   2-Port PNA-L Microwave Network Analyzer
N5230A HP-N5230A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
N5230C HP-N5230C Datasheet
989Kb / 32P
   4-Port PNA-L Microwave Network Analyzer
logo
Keysight Technologies
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results

Similar Description - N5232A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5239A KEYSIGHT-N5239A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5235A KEYSIGHT-N5235A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5234A KEYSIGHT-N5234A Datasheet
1Mb / 37P
   Keysight 2-Port PNA-L Network Analyzer
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com