Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5234A Datasheet(PDF) 9 Page - Keysight Technologies

Part # N5234A
Description  Keysight 2-Port PNA-L Network Analyzer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5234A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N5234A Datasheet HTML 5Page - Keysight Technologies N5234A Datasheet HTML 6Page - Keysight Technologies N5234A Datasheet HTML 7Page - Keysight Technologies N5234A Datasheet HTML 8Page - Keysight Technologies N5234A Datasheet HTML 9Page - Keysight Technologies N5234A Datasheet HTML 10Page - Keysight Technologies N5234A Datasheet HTML 11Page - Keysight Technologies N5234A Datasheet HTML 12Page - Keysight Technologies N5234A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Table 3. 85056A Calibration Kit
Description
Specification (dB)
10 MHz
to
50 MHz
50 MHz to
2 GHz
2 GHz
to
10 GHz
10 GHz to
20 GHz
20 GHz to
30 GHz
30 GHz to
40 GHz
40 GHz to
50 GHz
Directivity
42
42
42
42
38
38
36
Source Match
41
41
38
38
33
33
31
Load Match
42
42
42
42
37
37
35
Reflection Tracking1
Mag
±0.001
±0.001
±0.008
±0.008
±0.020
±0.020
±0.027
Phase (°/°C)
±0.009
±0.009
±0.054
±0.054
±0.133
±0.133
±0.180
Transmission Tracking1
Mag
±0.019
±0.019
±0.051
±0.060
±0.129
±0.129
±0.220
Phase (°/°C)
±0.126
±0.126
±0.335
±0.393
±0.848
±0.848
±1.453
1
Temperature deviation is a characteristic value.
Transmission Uncertainty, All Options
9


Similar Part No. - N5234A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N523 GILWAY-N523 Datasheet
49Kb / 1P
   Green Glow Lamps(with Resistor)
logo
Agilent(Hewlett-Packard...
N5230A HP-N5230A Datasheet
510Kb / 40P
   2-Port PNA-L Microwave Network Analyzer
N5230A HP-N5230A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
N5230C HP-N5230C Datasheet
989Kb / 32P
   4-Port PNA-L Microwave Network Analyzer
logo
Keysight Technologies
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results

Similar Description - N5234A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5232A KEYSIGHT-N5232A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5239A KEYSIGHT-N5239A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5235A KEYSIGHT-N5235A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com