Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5242A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N5242A
Description  Keysight 2-Port and 4-Port PNA-X Network Analyzer
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5242A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N5242A Datasheet HTML 4Page - Keysight Technologies N5242A Datasheet HTML 5Page - Keysight Technologies N5242A Datasheet HTML 6Page - Keysight Technologies N5242A Datasheet HTML 7Page - Keysight Technologies N5242A Datasheet HTML 8Page - Keysight Technologies N5242A Datasheet HTML 9Page - Keysight Technologies N5242A Datasheet HTML 10Page - Keysight Technologies N5242A Datasheet HTML 11Page - Keysight Technologies N5242A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
Table 1. System Dynamic Range, Options 200 or 400, and Receiver Dynamic Range, All Options
Description
Specification, Options 200, 400
Typical, All Options
System
Dynamic
Range (dB)
(A)-(B)
Max Leveled
Output Power
(dBm)
(A)
Test Port
Noise Floor
(dBm)
(B)
Receiver
Dynamic
Range (dB)
(C)-(D)
Test Port
Compression at
0.1 dB (dBm)
(C)
Test Port
Noise
Floor
(dBm)
(D)
Ports 1,31
Ports 1,31
All Ports
All Ports
All Ports
All Ports
10 MHz to 50 MHz
93
13
-80
--
--
-87
50 MHz to 100 MHz
103
13
-90
--
--
-95
100 MHz to 500 MHz
117
13
-104
125
15
-110
500 MHz to 3.2 GHz
124
10
-114
130
13
-117
3.2 GHz to 8.5 GHz
127
13
-114
130
13
-117
8.5 GHz to 13.5 GHz
127
13
-114
130
13
-117
13.5 GHz to 16 GHz
127
13
-114
130
13
-117
16 GHz to 20 GHz
127
13
-114
129
12
-117
20 GHz to 24 GHz
122
12
-110
125.5
10.5
-115
24 GHz to 26.5 GHz
112
5
-107
123
10
-113
1
Either port can be used as the source port. Any other port can be used as the receiver port.
Table 2a. System Dynamic Range at Test Port (dB), Options 200 or 400
Description
Specification
Typical
Ports 1, 31
Ports 2, 41
Ports 1, 31
Ports 2, 41
10 MHz to 50 MHz
93
93
106
104
50 MHz to 100 MHz
103
103
116
115
100 MHz to 500 MHz
117
117
131
130
500 MHz to 3.2 GHz
124
127
130
135
3.2 GHz to 8.5 GHz
127
127
137
136
8.5 GHz to 10 GHz
127
127
137
136
10 GHz to 13.5 GHz
127
127
134
133
13.5 GHz to 16 GHz
127
127
134
133
16 GHz to 20 GHz
127
124
133
129
20 GHz to 24 GHz
122
117
130
126
24 GHz to 26.5 GHz
112
109
124
120
1
Either port can be used as the source port. Any other port can be used as the receiver port.


Similar Part No. - N5242A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5244A KEYSIGHT-N5244A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5245A KEYSIGHT-N5245A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5247A KEYSIGHT-N5247A Datasheet
3Mb / 78P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
logo
Fairchild Semiconductor
N5247B FAIRCHILD-N5247B Datasheet
85Kb / 3P
   Zeners
More results

Similar Description - N5242A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5245A KEYSIGHT-N5245A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5244A KEYSIGHT-N5244A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5247A KEYSIGHT-N5247A Datasheet
3Mb / 78P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5249A KEYSIGHT-N5249A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com