Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA16N50 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDA16N50
Description  Optimized Switch for Discontinuous Current Mode Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA16N50 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDA16N50 Datasheet HTML 1Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 2Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 3Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 4Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 5Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 6Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 7Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-9066
APPLICATION NOTE
Output Power [W]
0
100
200
300
400
500
600
93
94
95
96
97
98
UniFET, 20A/500V
Super-junction, 21A/500V
Figure 7. Efficiency Curves with 115V AC Input
The efficiency results are shown in Figure 7. There is not
much difference in efficiency when in heavy load.
Basically, the super-junction device has lower RDS(on) than
the UniFET at same drain current rating and therefore will
have more conduction loss advantage as the load becomes
heavier. The smaller switching loss of the UniFET
compensates its higher RDS(on) well in heavy load area and
the UniFET shows slightly better performance. In the light-
load area, the switching loss dominates the power losses
and the UniFET surpasses the super-junction device.
Conclusion
The performance of the UniFET
was evaluated at both
device level and system level. It showed good results
against the super-junction device and can be an optimum
solution in DCM PFC application as long as required
breakdown voltage of the boost switch is 500V. The
interleaved DCM PFC is gaining attention recently and this
is another application where the UniFET can be considered
as a high-performance, cost-effective boost switch.
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 4/3/09
6


Similar Part No. - FDA16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
902Kb / 8P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
391Kb / 9P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
718Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDA16N50 ISC-FDA16N50 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
   N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
More results

Similar Description - FDA16N50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1601A ONSEMI-NCP1601A Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
logo
EPCOS
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A2157-A375 EPCOS-B25667-A2157-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3167-A375 EPCOS-B25667-A3167-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5756-A175 EPCOS-B25667-A5756-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4277-A365 EPCOS-B25667-A4277-A365 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5117-A175 EPCOS-B25667-A5117-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5217-A175 EPCOS-B25667-A5217-A175 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com