Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-9752 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-9752
Description  Design Guidelines for New-Generation FPS??FSB-Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9752 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-9752 Datasheet HTML 1Page - Fairchild Semiconductor AN-9752 Datasheet HTML 2Page - Fairchild Semiconductor AN-9752 Datasheet HTML 3Page - Fairchild Semiconductor AN-9752 Datasheet HTML 4Page - Fairchild Semiconductor AN-9752 Datasheet HTML 5Page - Fairchild Semiconductor AN-9752 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN-9752
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/23/13
4
3.2 Adjustable Current Limit
The peak current limit is programmable using a resistor on
the IPK pin. There is an internal current source of 50 µA for
the IPK pin, which generates voltage drop across the
resistor. The voltage of the IPK pin determines the current
limit level. Since the upper and lower clamping voltages of
IPK pin are 3 V and 1.5 V, respectively; the suggested
resistor value for the IPK pin is from 30 kΩ to 60 kΩ.
Figure 7 shows the relationship between the peak current
limit ILMT and PWM turn-on time. The peak current
threshold level is summarized in Table 3. The current limit
plateau, ILMT-FL, and ILMT-VA can be determined by the
following equations:
]
)
3
(
)
5
.
1
[(
5
.
1
1
L
FL
LMT
IPK
H
FL
LMT
IPK
FL
LMT
I
V
I
V
I
+
=
(5)
]
)
3
(
)
5
.
1
[(
5
.
1
1
L
VA
LMT
IPK
H
VA
LMT
IPK
VA
LMT
I
V
I
V
I
+
=
(6)
Figure 7.
ILMT vs. PWM Turn-On Time
Table 3. ILMT Threshold Level
ILMT-FL-H
FSB117H
0.80 A
FSB127H
1.00 A
FSB147H
1.50 A
ILMT-VA-H
FSB117H
0.60 A
FSB127H
0.75 A
FSB147H
1.13 A
ILMT-FL-L
FSB117H
0.40 A
FSB127H
0.50 A
FSB147H
0.75 A
ILMT-VA-L
FSB117H
0.30 A
FSB127H
0.38 A
FSB147H
0.57 A
3.3 Over-Power Protection Level
To determine the IPK pin level, the output over-power
protection level, Po, should be given first as:
()
η


=
s
m
on
bulk
on
bulk
LMT
o
F
L
t
V
t
V
I
P
2
2
1
(7)
where VBulk is the input bulk voltage, ton is PWM turn-on
time, Lm is the primary-side inductance of the
transformer, fS is the switching frequency, and η is
estimated efficiency for OPP level.
Therefore, the peak current limit ILMT can be obtained as:
m
on
Bulk
s
on
Bulk
o
LMT
L
t
V
F
t
V
P
I
2
+
=
η
(8)
With a given transformer specification, the PWM turn-on
time can be determined as (refer to AN-8024):
s
s
Bulk
p
o
p
o
on
F
N
V
N
V
N
V
t
1
+
=
(9)
where Np and Ns are the number of turns for the primary
and secondary side, respectively, and Vo is the output
voltage.
Then ILMT can be expressed as:
μ
μ
4
)
4
(
on
VA
LMT
on
FL
LMT
LMT
t
I
t
I
I
+
=
(10)
Notice that ton should be smaller than 4 µs to meet Equation
(10). VIPK can be obtained as:
)
(
)
4
(
)
(
6
D
B
t
C
A
t
I
V
on
on
LMT
IPK
+
=
μ
μ
(11)
where A is ILMT-FL-H, B is ILMT-VA-H, C is ILMT-FL-L, and D is
ILMT-VA-L that can be found in Table 3.
Therefore, the resistance of the IPK pin is determined as:
μ
50
IPK
IPK
V
R
=
(12)
Although the upper and lower clamping voltage of the IPK
pin are 3 V and 1.5 V, respectively; RIPK is recommended
from 30 kΩ to 60 kΩ.


Similar Part No. - AN-9752

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
More results

Similar Description - AN-9752

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
   Design Guidelines
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
   Design Guidelines for Flyback Converters
AN4146 FAIRCHILD-AN4146 Datasheet
376Kb / 24P
   Design Guidelines for Quasi-Resonant Converters
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
logo
Maxim Integrated Produc...
AN4880 MAXIM-AN4880 Datasheet
557Kb / 15P
   Design Guidelines For 78P235x E4/STM1e LIUs
Rev 2.1
logo
STMicroelectronics
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
   PCB design guidelines for the STM32W108 platform
logo
Fairchild Semiconductor
AN-9068 FAIRCHILD-AN-9068 Datasheet
250Kb / 11P
   Gate Resistor Design Guidelines for SupreMOS MOSFETs
logo
STMicroelectronics
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com