Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28510DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28510DW
Description  ADVANCED PFC/PWM COMBINATION CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28510DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28510DW Datasheet HTML 3Page - Texas Instruments UCC28510DW Datasheet HTML 4Page - Texas Instruments UCC28510DW Datasheet HTML 5Page - Texas Instruments UCC28510DW Datasheet HTML 6Page - Texas Instruments UCC28510DW Datasheet HTML 7Page - Texas Instruments UCC28510DW Datasheet HTML 8Page - Texas Instruments UCC28510DW Datasheet HTML 9Page - Texas Instruments UCC28510DW Datasheet HTML 10Page - Texas Instruments UCC28510DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
7
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 105°C for the UCC2851x, TA = TJ, VCC = 12 V, RT = 156 kΩ, RCT_BUFF = 10 kΩ
(unless otherwise noted)
PWM stage overcurrent limit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Peak current comparator threshold voltage
1.15
1.30
1.45
V
Input bias current(1)
50
nA
PWM stage gate driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GT2 pull-up resistance
−100 mA
≤ ∆IOUT ≤ −200 mA
5
12
GT2 pull-down resistance
IOUT = 100 mA
2
10
GT2 output rise time
CLOAD = 1 nF,
RLOAD = 10 Ω
16
25
ns
GT2 output fall time
CLOAD = 1 nF,
RLOAD = 10 Ω
7
15
ns
1. Ensured by design. Not 100% tested in production.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Stage
I/O
DESCRIPTION
CAOUT
15
PFC
O
Output of the current control amplifier of the PFC stage. CAOUT is internally connected
to the PWM comparator input in the PFC stage
CT_BUFF
5
PWM
O
Internally buffered PWM stage oscillator ramp output, typically used to program slope
compensation with a single resistor
D_MAX
4
PWM
I
Positive input to set the maximum duty cycle clamp level of the PWM stage
GND
6
Analog ground
GT1
12
PFC
O
PFC stage gate drive output
GT2
10
PWM
O
PWM stage gate drive output
IAC
18
PFC
I
Multiplier current input that is proportional to the instantaneous rectified line voltage
ISENSE1
16
PFC
I
Non-inverting input to the PFC stage current amplifier
ISENSE2
8
PWM
I
Input for PWM stage current sense and peak current limit
MOUT
17
PFC
I/O
PFC multiplier high−impedance current output, internally connected to the current am-
plifier inverting input
PKLMT
14
PFC
I
Voltage input to the PFC peak current limit comparator
PWRGND
11
Power ground for GT1, GT2 and high current return paths
RT
2
I
Oscillator programming pin that is set with a single resistor to GND
SS2
13
PWM
I
Soft start for the PWM stage
VAOUT
1
PFC
I/O
Output of the PFC transconductance voltage amplifier and it is internally connected to
the Zero Power Detect comparator input and the multiplier input
VCC
9
I
Positive supply voltage pin
VERR
7
PWM
I
Feedback error voltage input for the PWM stage, typically connected to an optocoupler
output
VFF
19
PFC
I
Voltage feedforward pin for the PFC stage, sources an IAC/2 current that should be
externally filtered
VREF
20
O
Precision 7.5-V reference output
VSENSE
3
PFC
I
Inverting input to the PFC transconductance voltage amplifier, and input to the OVP,
ENABLE and UVLO2 comparators


Similar Part No. - UCC28510DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510DW TI-UCC28510DW Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28510DW TI1-UCC28510DW Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510DWG4 TI1-UCC28510DWG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510DWR TI-UCC28510DWR Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
More results

Similar Description - UCC28510DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC38517 TI-UCC38517 Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com