Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA0204IZ3GCT00 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBA0204IZ3GCT00
Description  Professional Thin Film Leaded Resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204IZ3GCT00 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MBA0204IZ3GCT00 Datasheet HTML 2Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 3Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 4Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 5Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 6Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 7Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 8Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 9Page - Vishay Siliconix MBA0204IZ3GCT00 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
6
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Approval is according to EN 140101-806, version A.
• Radial version (RB, UB) cannot be qualified according to CECC so these can only be ordered as standard products.
Note
(1) Manufacturing at different production locations may involve use of different size box.
PART NUMBER AND PRODUCT DESCRIPTION - CECC Approved Products
PART NUMBER: MBB0207VC1001FCT00
M
B
B
0207
V
C
1001
F
C
T
0
0
TYPE/SIZE
VARIANT
TCR
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MBA0204 =
MBA/SMA 0204
MBB0207 =
MBB/SMA 0207
MBE0414 =
MBE/SMA 0414
V = CECC 06
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = jumper
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
6 = *106
0000 = jumper
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
Z = jumper
CT
C1
RP
R2
00 = standard
L0 = welding joint
not lacquered for
MBB/SMA 0207
KL = lacquered
welding joint for
MBA/SMA 0204
Product Description: MBB/SMA 0207-50 1 % CECC 06 CT 1K0
MBB/SMA 0207
-
50
1 %
CECC 06
CT
1K0
TYPE/SIZE
TCR
TOLERANCE
VARIANT
PACKAGING
RESISTANCE
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1.0 %
± 5.0 %
CECC 06
CECC 06 L0
CECC 06 KL
CT
C1
RP
R2
1K0 = 1 k
Ω
51R1 = 51.1
Ω
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
DIMENSIONS
MBA/SMA 0204
C1
1000
Taped acc. to IEC 60286-1
fan-folded in a box
53 mm
5 mm
184 mm x 75 mm x 42 mm
CT
5000
330 mm x 75 mm x 55 mm
RP
5000
Taped acc. to IEC 60286-1
on a reel
53 mm
5 mm
242 mm x 76 mm x 86 mm
MBB/SMA 0207 (1)
C1
1000
Taped acc. to IEC 60286-1
fan-folded in a box
53 mm
5 mm
184 mm x 74 mm x 42 mm
260 mm x 78 mm x 31 mm
CT
5000
260 mm x 75 mm x 114 mm
324 mm x 77 mm x 82 mm
RP
5000
Taped acc.to IEC 60286-1
on a reel
53 mm
5 mm
315 mm x 76 mm x 86 mm
298 mm x 75 mm x 86 mm
MBB/SMA 0207
UB = 2.5 mm pitch
N4
4000
Taped acc. to IEC 60286-2
fan-folded in a box
-
12.7 mm
330 mm x 262 mm x 45 mm
R4
4000
Taped acc. to IEC 60286-2
on a reel
330 mm x 253 mm x 48 mm
MBB/SMA 0207
RB = 5 mm pitch
N4
4000
Taped acc. to IEC 60286-2
fan-folded in a box
-
12.7 mm
330 mm x 262 mm x 45 mm
R4
4000
Taped acc. to IEC 60286-2
on a reel
330 mm x 253 mm x 48 mm
MBE/SMA 0414
C1
1000
Taped acc. to IEC 60286-1
fan-folded in a box
63 mm
5 mm
374 mm x 84 mm x 47 mm
R2
2500
Taped acc. to IEC 60286-1
on a reel
315 mm x 80 mm x 90 mm


Similar Part No. - MBA0204IZ3GCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204IZ3GCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com