Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM0204V010B1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SMM0204V010B1
Description  Thin Film Mini-MELF Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204V010B1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SMM0204V010B1 Datasheet HTML 3Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 4Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 5Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 6Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 7Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 8Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 9Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 10Page - Vishay Siliconix SMM0204V010B1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
7
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
10
1
100m
10m
1m
100μ
10μ
0.1
100
10
1
1000
Single Pulse
Maximum pulse load, single pulse; applicable if
P
0 and n
≤ 1000 and U ≤ Umax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode
Pulse Duration
t
i in s
Pulse Duration
t
i in s
10
1
100m
10m
1m
100μ
10μ
0.1
100
10
1
1000
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if
P ≤ P (ϑ amb) and U ≤ Umax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode
Pulse Duration
t
i in s
10
1
100m
10m
1m
100μ
10μ
Pulse Voltage
600
1000
0
200
400
800
Maximum pulse voltage, single and continuous pulses; applicable if
P ≤ Pmax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode


Similar Part No. - SMM0204V010B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204VC0BB0 VISHAY-SMM0204VC0BB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VC0BB1 VISHAY-SMM0204VC0BB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VC0BB3 VISHAY-SMM0204VC0BB3 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VC0CB0 VISHAY-SMM0204VC0CB0 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204VC0CB1 VISHAY-SMM0204VC0CB1 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
More results

Similar Description - SMM0204V010B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com