Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3608E Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3608E
Description  EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3608E Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3608E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3608E
7
Mar. 2011 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Data Sheet
0
2040
6080
100
0
2
4
6
8
10
12
14
16
18
20
Duty Cycle (%)
-60
-40
-20
0
20
40
60
80
100
120
140
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
Temperature (
oC)
R
ISET=23K
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Enable Section
EN Pin High Level Threshold Voltage
VIH_EN
1.8
V
EN Pin Low Level Threshold Voltage
VIL_EN
0.8
V
PWM Dimming Section
PWM High Level Threshold Voltage
VIH_PWM
1.8
V
PWM Low Level Threshold Voltage
VIL_PWM
0.8
V
Interface Section
SDB High Level Output Voltage
VOH
2.4
V
SDB Low Level Output Voltage
VOL
0.4
V
Feedback Output Current
IFB
515
µA
Total Device
Self-check Voltage @ Open LED
VCHECK
3.0
V
Thermal Shutdown Temperature
TOTSD
160
oC
Thermal Shutdown Hysteresis
THYS
20
oC
Electrical Characteristics (Continued)
Limits in standard typeface are guaranteed for
VIN=VEN=5V, RISET=8k,, TA=25oC, unless otherwise specified.
Typical Performance Characteristics
VIN=VEN=5V, RISET=8k,, TA=25oC, unless otherwise specified.
Figure 4. Current per Channel vs. Temperature
Figure 5. Current per Channel vs. Duty Cycle


Similar Part No. - AP3608E

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3601N A-POWER-AP3601N Datasheet
66Kb / 5P
   Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
More results

Similar Description - AP3608E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
   EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
   SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ICN2038S ETC1-ICN2038S Datasheet
1Mb / 18P
   (16-Channel Constant Current LED Sink Driver with Dual Latch)
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com