Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1281A Datasheet(PDF) 6 Page - Keysight Technologies

Part # U1281A
Description  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1281A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button U1281A Datasheet HTML 2Page - Keysight Technologies U1281A Datasheet HTML 3Page - Keysight Technologies U1281A Datasheet HTML 4Page - Keysight Technologies U1281A Datasheet HTML 5Page - Keysight Technologies U1281A Datasheet HTML 6Page - Keysight Technologies U1281A Datasheet HTML 7Page - Keysight Technologies U1281A Datasheet HTML 8Page - Keysight Technologies U1281A Datasheet HTML 9Page - Keysight Technologies U1281A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
06 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
Front panel
Back panel
Vsense* red LED indicator for
non-contact voltage detection
60,000-count dual display
Data logging:
– Manual data logging up to
100 readings, or,
– Auto/event data logging up to
10,000 readings
Low pass filter (LPF)* to reduce
unwanted noise when measuring
AC voltage
Broad range of measurement functions:
voltage, current, frequency, capacitance,
resistance, continuity, diode test and
temperature
Square wave output* for generating pulse
width modulation (PWM) output
CAT IV 600 V CAT III 1000 V overvoltage
protection
Remote switch probe terminal
* U1282A only
Probe holder/storage
IR-USB connectivity
Frequency counter for low voltage application


Similar Part No. - U1281A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1281A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1280 KEYSIGHT-U1280 Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com