Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGSA13GN10 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGSA13GN10
Description  Maximizing battery life and data rate for 3G/4G mobile devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSA13GN10 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGSA13GN10 Datasheet HTML 1Page - Infineon Technologies AG BGSA13GN10 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Antenna aperture tuning solutions
Maximizing battery life and data rate for 3G/4G mobile devices
Infineon’s antenna tuning devices with optimized form factor and design
The BGAxxGN10 ICs are provided in the smallest packages available on the market, which is critical for space limited applications with
multiple LTE bands in the latest generation of smartphones and other portable devices. All products are shipped in a RoHS compliant
plastic package with dimensions of only 1.5 mm x 1.1 mm which is 60 percent smaller in size compared to state-of-the-art CSP type
devices on the market.
Orderable part No.
BGSA12GN10E6327XTSA1
BGSA13GN10E6327XTSA1
BGSA14GN10E6327XTSA1
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2015 Infineon Technologies AG.
All Rights Reserved.
Order Number: B132-I0173-V1-7600-EU-EC-P
Date: 09/2015
Please note!
THIS DOCUMENT IS FOR INFORMATION PURPOSES ONLY AND
ANY INFORMATION GIVEN HEREIN SHALL IN NO EVENT BE
REGARDED AS A WARRANTY, GUARANTEE OR DESCRIPTION OF
ANY FUNCTIONALITY, CONDITIONS AND/OR QUALITY OF OUR
PRODUCTS OR ANY SUITABILITY FOR A PARTICULAR PURPOSE.
WITH REGARD TO THE TECHNICAL SPECIFICATIONS OF OUR
PRODUCTS, WE KINDLY ASK YOU TO REFER TO THE RELEVANT
PRODUCT DATA SHEETS PROVIDED BY US. OUR CUSTOMERS AND
THEIR TECHNICAL DEPARTMENTS ARE REQUIRED TO EVALUATE
THE SUITABILITY OF OUR PRODUCTS FOR THE INTENDED
APPLICATION.
WE RESERVE THE RIGHT TO CHANGE THIS DOCUMENT AND/OR
THE INFORMATION GIVEN HEREIN AT ANY TIME.
Additional information
For further information on technologies, our products, the
application of our products, delivery terms and conditions
and/or prices please contact your nearest Infineon Technologies
office (www.infineon.com).
Warnings
Due to technical requirements, our products may contain
dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by us in a written
document signed by authorized representatives of Infineon
Technologies, our products may not be used in any life
endangering applications, including but not limited to medical,
nuclear, military, life critical or any other applications where a
failure of the product or any consequences of the use thereof
can result in personal injury.
C2
RF2
Infineon
Antenna Tuning
Switch
Tuning Port
IFA Antenna
Feed Port (RF IN)
RF1
Ground
C1


Similar Part No. - BGSA13GN10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA13GN10 INFINEON-BGSA13GN10 Datasheet
145Kb / 2P
   Maximizing battery life and data rate for 3G/4G mobile devices
09 / 2015
BGSA13GN10E6327 INFINEON-BGSA13GN10E6327 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
BGSA13GN10E6327 INFINEON-BGSA13GN10E6327_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
More results

Similar Description - BGSA13GN10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA12GN10 INFINEON-BGSA12GN10 Datasheet
145Kb / 2P
   Maximizing battery life and data rate for 3G/4G mobile devices
09 / 2015
logo
STMicroelectronics
AN1012 STMICROELECTRONICS-AN1012 Datasheet
445Kb / 33P
   Predicting the battery life and data
logo
Suzhou Maswell Communic...
AN_GSM_915 MASWELL-AN_GSM_915 Datasheet
543Kb / 3P
   Ceiling antenna for 4G LTE, 3G and Wifi coverage
logo
Digi International Inc.
WR21 DIGI-WR21 Datasheet
595Kb / 5P
   Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
logo
Qorvo, Inc
QM12038 QORVO-QM12038 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
logo
Taoglas antenna solutio...
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com