Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS_D Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIS_D
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_D Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPIS_D Datasheet HTML 2Page - NIC-Components Corp. NPIS_D Datasheet HTML 3Page - NIC-Components Corp. NPIS_D Datasheet HTML 4Page - NIC-Components Corp. NPIS_D Datasheet HTML 5Page - NIC-Components Corp. NPIS_D Datasheet HTML 6Page - NIC-Components Corp. NPIS_D Datasheet HTML 7Page - NIC-Components Corp. NPIS_D Datasheet HTML 8Page - NIC-Components Corp. NPIS_D Datasheet HTML 9Page - NIC-Components Corp. NPIS_D Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 42 (5.0 x 5.0 x 2.0mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS42D1R0YTRF
1.0 ± 30%*
100KHz, 0.3V
0.045
1.72
NPIS42D2R2YTRF
2.2 ± 30%*
100KHz, 0.3V
0.075
1.32
NPIS42D2R7YTRF
2.7 ± 30%*
100KHz, 0.3V
0.105
1.28
NPIS42D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.11
1.04
NPIS42D3R9YTRF
3.9 ± 30%*
100KHz, 0.3V
0.155
0.88
NPIS42D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.162
0.84
NPIS42D5R6YTRF
5.6 ± 30%*
100KHz, 0.3V
0.17
0.8
NPIS42D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.19
0.76
NPIS42D100MTRF
10 ± 20%
1KHz, 0.3V
0.2
0.61
NPIS42D120MTRF
12 ± 20%
1KHz, 0.3V
0.21
0.56
NPIS42D150MTRF
15 ± 20%
1KHz, 0.3V
0.24
0.5
NPIS42D180MTRF
18 ± 20%
1KHz, 0.3V
0.338
0.48
NPIS42D220MTRF
22 ± 20%
1KHz, 0.3V
0.397
0.41
NPIS42D270MTRF
27 ± 20%
1KHz, 0.3V
0.441
0.35
NPIS42D330MTRF
33 ± 20%
1KHz, 0.3V
0.694
0.32
NPIS42D390MTRF
39 ± 20%
1KHz, 0.3V
0.709
0.3
NPIS42D470MTRF
47 ± 20%
1KHz, 0.3V
0.922
0.28
NPIS42D560MTRF
56 ± 20%
1KHz, 0.3V
1.08
0.26
NPIS42D680MTRF
68 ± 20%
1KHz, 0.3V
1.3
0.24
NPIS42D820MTRF
82 ± 20%
1KHz, 0.3V
1.56
0.22
NPIS42D101MTRF
100 ± 20%
1KHz, 0.3V
1.73
0.2
NPIS42D121MTRF
120 ± 20%
1KHz, 0.3V
2.39
0.18
NPIS42D151MTRF
150 ± 20%
1KHz, 0.3V
2.67
0.15
NPIS42D181MTRF
180 ± 20%
1KHz, 0.3V
4
0.14
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS_D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-D NIC-NPIS-D Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS_D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com