Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS_H Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIS_H
Description  NPIS Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_H Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIS_H Datasheet HTML 4Page - NIC-Components Corp. NPIS_H Datasheet HTML 5Page - NIC-Components Corp. NPIS_H Datasheet HTML 6Page - NIC-Components Corp. NPIS_H Datasheet HTML 7Page - NIC-Components Corp. NPIS_H Datasheet HTML 8Page - NIC-Components Corp. NPIS_H Datasheet HTML 9Page - NIC-Components Corp. NPIS_H Datasheet HTML 10Page - NIC-Components Corp. NPIS_H Datasheet HTML 11Page - NIC-Components Corp. NPIS_H Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
Standard Values - Case Size 25 (12.5 x 12.5 x 6.0)
Inductance Value (μH)
Test Conditions
DC Resistance (Ω)
DC Current Isat/Irms (Amps)
NPIS25H1R0MTRF
1.0 ± 20%
100k, 0.3V
0.01
8
NPIS25H2R2MTRF
2.2 ± 20%
100k, 0.3V
0.014
7.8
NPIS25H3R3MTRF
3.3 ± 20%
100k, 0.3V
0.014
8
NPIS25H8R2MTRF
8.2 ± 20%
100k, 0.3V
0.021
4.4
NPIS25H100MTRF
10 ± 20%
1k, 0.3V
0.025
4
NPIS25H120MTRF
12 ± 20%
1k, 0.3V
0.027
3.5
NPIS25H150MTRF
15 ± 20%
1k, 0.3V
0.03
3.3
NPIS25H180MTRF
18 ± 20%
1k, 0.3V
0.034
3
NPIS25H220MTRF
22 ± 20%
1k, 0.3V
0.036
2.8
NPIS25H270MTRF
27 ± 20%
1k, 0.3V
0.051
2.3
NPIS25H330MTRF
33 ± 20%
1k, 0.3V
0.057
2.1
NPIS25H390MTRF
39 ± 20%
1k, 0.3V
0.068
2
NPIS25H470MTRF
47 ± 20%
1k, 0.3V
0.075
1.8
NPIS25H560MTRF
56 ± 20%
1k, 0.3V
0.11
1.7
NPIS25H680MTRF
68 ± 20%
1k, 0.3V
0.12
1.5
NPIS25H820MTRF
82 ± 20%
1k, 0.3V
0.14
1.4
NPIS25H101MTRF
100 ± 20%
1k, 0.3V
0.16
1.3
NPIS25H121MTRF
120 ± 20%
1k, 0.3V
0.17
1.1
NPIS25H151MTRF
150 ± 20%
1k, 0.3V
0.23
1
NPIS25H181MTRF
180 ± 20%
1k, 0.3V
0.29
0.9
NPIS25H221MTRF
220 ± 20%
1k, 0.3V
0.4
0.8
NPIS25H271MTRF
270 ± 20%
1k, 0.3V
0.46
0.75
NPIS25H331MTRF
330 ± 20%
1k, 0.3V
0.51
0.68
NPIS25H391MTRF
390 ± 20%
1k, 0.3V
0.69
0.65
NPIS25H471MTRF
470 ± 20%
1k, 0.3V
0.77
0.58
NPIS25H561MTRF
560 ± 20%
1k, 0.3V
0.86
0.54
NPIS25H681MTRF
680 ± 20%
1k, 0.3V
1.2
0.48
NPIS25H821MTRF
820 ± 20%
1k, 0.3V
1.34
0.43
NPIS25H102MTRF
1000 ± 20%
1k, 0.3V
1.53
0.40
NPIS__H Series
NPIS Shielded Power Inductors
Irms/Isat specification is based on +40°C temperature rise or -25% inductance change whichever is less.


Similar Part No. - NPIS_H

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-H NIC-NPIS-H Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS_H

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com