Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS12SN6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGS12SN6
Description  Wideband RF SPDT Switch in small package with 0.77mm2 footprint
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS12SN6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGS12SN6_16 Datasheet HTML 1Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 2Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 3Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 4Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 5Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 6Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 7Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 8Page - Infineon Technologies AG BGS12SN6_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Edition March 1, 2016
Published by
Infineon Technologies AG
81726 Munich, Germany
c 2011 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding
the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon
Technologies Office (
www.infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in
question, please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written
approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of
that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect
human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


Similar Part No. - BGS12SN6_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS12SN6 INFINEON-BGS12SN6 Datasheet
2Mb / 15P
   High switching speed, ideal for WLAN and Bluetooth applications
Revision 1.2, 2014-05-23
More results

Similar Description - BGS12SN6_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS12S3N6 INFINEON-BGS12S3N6 Datasheet
1Mb / 15P
   Wideband RF SPDT Switch in ultra small package with 0.64mm2 footprint
Revision 1.4, 2016-06-06
BGS12SL6 INFINEON-BGS12SL6 Datasheet
3Mb / 15P
   0.1 - 6.0 GHz SPDT Switch in ultra small package with 0.77mm2 footprint
Revision 1.2, 2014-05-23
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
   Small Plastic Package, Quad SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
logo
Peregrine Semiconductor
PE95420 PSEMI-PE95420 Datasheet
587Kb / 11P
   RF SPDT Switch Hermetically sealed ceramic package
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com