Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPYT Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPYT
Description  Interference Suppression Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPYT Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPYT Datasheet HTML 1Page - NIC-Components Corp. NPYT Datasheet HTML 2Page - NIC-Components Corp. NPYT Datasheet HTML 3Page - NIC-Components Corp. NPYT Datasheet HTML 4Page - NIC-Components Corp. NPYT Datasheet HTML 5Page - NIC-Components Corp. NPYT Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPYT Series
Part Number
Cap. Value
(μF)
Capacitance
Code
Standard
Tolerance*
L
±1.0
H
±1.0
T
±1.0
LS
±1.0
LD
±0.05
Packaging Quantity
Bulk
T&B
NPYT102K250VY2N1F
0.001
102
±10% (K)
10.0
9.0
4.0
7.5
0.6
1,000
1,300
NPYT102K250VY2N2F
0.001
102
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT102K250VY2N3F
0.001
102
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT152K250VY2N1F
0.0015
152
±10% (K)
10.0
9.0
4.0
7.5
0.6
1,000
1,300
NPYT152K250VY2N2F
0.0015
152
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT152K250VY2N3F
0.0015
152
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT222K250VY2N1F
0.0022
222
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT222K250VY2N2F
0.0022
222
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT222K250VY2N3F
0.0022
222
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT272K250VY2N1F
0.0027
272
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT272K250VY2N2F
0.0027
272
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT272K250VY2N3F
0.0027
272
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT332K250VY2N1F
0.0033
332
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT332K250VY2N2F
0.0033
332
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT332K250VY2N3F
0.0033
332
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT392K250VY2N1F
0.0039
392
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT392K250VY2N2F
0.0039
392
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT392K250VY2N3F
0.0039
392
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT472K250VY2N1F
0.0047
472
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT472K250VY2N2F
0.0047
472
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT472K250VY2N3F
0.0047
472
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT562K250VY2N1F
0.0056
562
±10% (K)
10.5
11.0
5.0
7.5
0.6
1,000
1,000
NPYT562K250VY2N2F
0.0056
562
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
500
NPYT562K250VY2N3F
0.0056
562
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT682K250VY2N1F
0.0068
682
±10% (K)
13.0
12.0
6.0
10.0
0.6
500
450
NPYT682K250VY2N2F
0.0068
682
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT822K250VY2N1F
0.0082
822
±10% (K)
13.0
12.0
6.0
10.0
0.6
500
450
NPYT822K250VY2N2F
0.0082
822
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT103K250VY2N1F
0.01
103
±10% (K)
13.0
12.0
6.0
10.0
0.6
500
450
NPYT103K250VY2N2F
0.01
103
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT123K250VY2N1F
0.012
123
±10% (K)
13.0
12.0
6.0
10.0
0.6
500
450
NPYT123K250VY2N2F
0.012
123
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT153K250VY2N1F
0.015
153
±10% (K)
13.0
11.0
5.0
10.0
0.6
500
450
NPYT153K250VY2N2F
0.015
153
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT183K250VY2N1F
0.018
183
±10% (K)
18.0
11.0
5.0
15.0
0.6
500
450
NPYT223K250VY2N1F
0.022
223
±10% (K)
17.0
11.0
5.5
15.0
0.6
500
450
NPYT253K250VY2N1F
0.025
253
±10% (K)
18.0
12.0
6.0
15.0
0.6
500
400
NPYT273K250VY2N1F
0.027
273
±10% (K)
17.0
11.0
5.5
15.0
0.6
500
450
NPYT273K250VY2N1F
0.027
273
±10% (K)
18.0
12.0
6.0
15.0
0.6
500
400
NPYT333K250VY2N1F
0.033
333
±10% (K)
18.0
12.0
6.0
15.0
0.6
500
400
NPYT473K250VY2N1F
0.047
473
±10% (K)
18.0
13.5
6.0
15.0
0.6
500
400
NPYT473K250VY2N2F
0.047
473
±10% (K)
25.0
14.5
6.0
22.5
0.6
200
N/A
NPYT563K250VY2N1F
0.056
563
±10% (K)
17.0
15.5
7.5
15.0
0.6
500
300
NPYT683K250VY2N1F
0.068
683
±10% (K)
17.0
15.5
7.5
15.0
0.6
500
300
NPYT823K250VY2N1F
0.082
823
±10% (K)
17.0
16.5
9.5
15.0
0.6
400
250
NPYT104K250VY2N1F
0.1
104
±10% (K)
17.0
16.5
9.5
15.0
0.6
400
250
NPYT104K250VY2N2F
0.1
104
±10% (K)
26.5
16.5
7.0
22.5
0.8
200
N/A
NPYT104K250VY2N3F
0.1
104
±10% (K)
31.5
16.5
7.5
27.5
0.8
100
N/A
250VAC STANDARD VALUES AND CASE SIZE (mm)
*Also available in ±5% (J) and ±20% (M) tolerance.


Similar Part No. - NPYT

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPY-MSS DOMINANT-NPY-MSS Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPY-MSS-AB DOMINANT-NPY-MSS-AB Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPY-MSS-ABC-1 DOMINANT-NPY-MSS-ABC-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPY-MSS-AC DOMINANT-NPY-MSS-AC Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPY-SSS-X1 DOMINANT-NPY-SSS-X1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
More results

Similar Description - NPYT

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
logo
Panasonic Semiconductor
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A474MG PANASONIC-ECQ-U2A474MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metalized Polysester
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com