Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS20 Datasheet(PDF) 6 Page - XP Power Limited

Part # FS20
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS20 Datasheet(HTML) 6 Page - XP Power Limited

  FS20 Datasheet HTML 1Page - XP Power Limited FS20 Datasheet HTML 2Page - XP Power Limited FS20 Datasheet HTML 3Page - XP Power Limited FS20 Datasheet HTML 4Page - XP Power Limited FS20 Datasheet HTML 5Page - XP Power Limited FS20 Datasheet HTML 6Page - XP Power Limited FS20 Datasheet HTML 7Page - XP Power Limited FS20 Datasheet HTML 8Page - XP Power Limited FS20 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4725V01
PAGE 6
WWW.XPPOWER.COM
FS SERIES
The FS Series power supplies are provided with internal input over-voltage
and over-temperature protection. In the event the input voltage or internal
temperature exceeds a preset level, the power supply will be temporarily
disabled. A TTL-compatible, latching alarm signal transitions from low to
high to indicate an alarm condition has occurred. Sustained presence of an
input over-voltage may damage input components. The user should respond
to the alarm by removing the potentially damaging input.
Once all alarm conditions are cleared, the power supply will resume normal
operation. The alarm output signal will remain high to indicate an alarm
event has occurred. To clear the alarm output, the +5V logic input must be
toggled low for >250ms, then returned high.
The protection circuits are powered by the +5V logic input voltage and
draw <25mA.
SMART FEATURES
NOTE: The no-load curve may be as much as 200% x the full-load curve. Varies per model.
APPLICATION NOTES
Output Voltage vs. Input Voltage
0
20
40
60
80
100
120
140
0
20
40
60
80
100
Input Voltage (%)
No-load
Full-load
No-Load
Full-Load


Similar Part No. - FS20

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FS20 TEC-FS20 Datasheet
165Kb / 4P
   Essentially Unlimited Cycle Life Expectancy
logo
TRIAD MAGNETICS
FS20-055 TRIAD-FS20-055 Datasheet
47Kb / 1P
   FS20-055
logo
List of Unclassifed Man...
FS20-055 ETC2-FS20-055 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
FS20-055-C2 TRIAD-FS20-055-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS20-055 TRIAD-FS20-055_13 Datasheet
89Kb / 1P
   PC MOUNT:SPLIT PACK
More results

Similar Description - FS20

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com