Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMM0112S3V3 Datasheet(PDF) 2 Page - XP Power Limited

Part # IMM0112S3V3
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IMM0112S3V3 Datasheet(HTML) 2 Page - XP Power Limited

  IMM0112S3V3 Datasheet HTML 1Page - XP Power Limited IMM0112S3V3 Datasheet HTML 2Page - XP Power Limited IMM0112S3V3 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMM01 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
30
VDC
See Models and Ratings table
Patient Leakage Current
2
µA
Initial Set Accuracy
±2
%
3.3 V & 5.0 V at full load
±1
12.0 V & 15.0 V at full load
Minimum Load
0%
No minimum load required
Line Regulation
±0.5
%
From minimum to maximum input
Load Regulation
2.0
%
From 10% to full load (2% from 0% to 10% load)
Cross Regulation
±5
%
On dual output models, when one output is at 25% load
and other is varied from 10% load to full load
Ripple & Noise
1/2
% pk-pk
For 12 V & 15 V/ 3.3 V & 5 V models. 20 MHz bandwidth.
Measured using 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous fold-back mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.03
%/ ˚C
Overload Protection
190
250
310
%
Of nominal output current at nominal input voltage
Remote On/Off
Output is on if remote on/off (pin 3) is open
Output turns off if remote on/off (pin 3) is high (4.0-5.5 VDC max) or if 2-4 mA is applied.
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
9
VDC
5 V nominal
9
18
VDC
12 V nominal
Inrush Current
0.05
A2s
Input Reflected Ripple Current
30
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
16
VDC for 100 ms
5 V models
25
VDC for 100 ms
12 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
64
78
81
%
Typical value is for IMM0112S12
Isolation: Input to Output
1500
VAC
At 250 VAC working voltage, 1 MOPP
Switching Frequency
175
1000
kHz
May enter burst mode frequency of 12-28 kHz at light load
Isolation Resistance
109
Ω
Isolation Capacitance
27
pF
Power Density
8.31
W/in3
Mean Time Between Failure
1
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.008 (3.6)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Altitude
3048
M
Transport Altitude
10,000
Operating Temperature
-20
+100
°C
Derate linearly from 100% load at +60 °C to 0% at
+100 °C
Storage Temperature
-40
+125
°C
Case Temperature
+105
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection


Similar Part No. - IMM0112S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IMM02 XPPOWER-IMM02 Datasheet
455Kb / 3P
   DC-DC Converter
IMM0205D03 XPPOWER-IMM0205D03 Datasheet
455Kb / 3P
   DC-DC Converter
IMM0205D05 XPPOWER-IMM0205D05 Datasheet
455Kb / 3P
   DC-DC Converter
IMM0205D12 XPPOWER-IMM0205D12 Datasheet
455Kb / 3P
   DC-DC Converter
IMM0205D15 XPPOWER-IMM0205D15 Datasheet
455Kb / 3P
   DC-DC Converter
More results

Similar Description - IMM0112S3V3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com