Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCM3048S3V3 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCM3048S3V3
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCM3048S3V3 Datasheet(HTML) 1 Page - XP Power Limited

  JCM3048S3V3 Datasheet HTML 1Page - XP Power Limited JCM3048S3V3 Datasheet HTML 2Page - XP Power Limited JCM3048S3V3 Datasheet HTML 3Page - XP Power Limited JCM3048S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JCM30 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
3. Add suffix ‘-HK’ for optional Heat Sink.
• Single and Dual Outputs
• 1” x 1” Footprint
• -40 °C to +105 °C Operation
• Full Load at 55 °C Ambient
• 1600 VDC Isolation
• Output Trim ±10%
• Remote On/Off
• MTBF 370 kHrs
• 3 Year Warranty
Dimensions:
JCM30:
1.0 x 1.0 x 0.41” (25.4 x 25.0 x 10.4 mm)
30 Watts
Mechanical Details
Input
Voltage
Output
Voltage
Output
Current
Input Current(1)
OVP setting
Efficiency
Max.
capacitive load
Model Number(3)
No Load
Full Load
9-18 V
3.3 V
7.0 A
10 mA
2215 mA
3.9 V
87%
10000 µF
JCM3012S3V3
5.0 V
6.0 A
10 mA
2810 mA
6.2 V
89%
7200 µF
JCM3012S05
12.0 V
2.5 A
12 mA
2810 mA
15.0 V
89%
1200 µF
JCM3012S12
15.0 V
2.0 A
12 mA
2810 mA
18.0 V
89%
1000 µF
JCM3012S15
±12.0 V
±1.25 A
12 mA
2810 mA
±15.0 V
89%
±750 µF
JCM3012D12
±15 V
±1.0 A
14 mA
2780 mA
±18.0 V
90%
±500 µF
JCM3012D15
18-36 V
3.3 V
7.0 A
10 mA
1105 mA
3.9 V
87%
10000 µF
JCM3024S3V3
5 V
6.0 A
10 mA
1390 mA
6.2 V
90%
7200 µF
JCM3024S05
12 V
2.5 A
10 mA
1375 mA
15.0 V
91%
1200 µF
JCM3024S12
15 V
2.0 A
10 mA
1375 mA
18.0 V
91%
1000 µF
JCM3024S15
±12 V
±1.25 A
10 mA
1375 mA
±15.0 V
91%
±750 µF
JCM3024D12
±15 V
±1.0 A
10 mA
1375 mA
±18.0 V
92%
±500 µF
JCM3024D15
36-75 V
3.3 V
7.0 A
8 mA
545 mA
3.9 V
88%
10000 µF
JCM3048S3V3
5 V
6.0 A
8 mA
695 mA
6.2 V
90%
7200 µF
JCM3048S05
12 V
2.5 A
8 mA
695 mA
15.0 V
90%
1200 µF
JCM3048S12
15 V
2.0 A
8 mA
685 mA
18.0 V
91%
1000 µF
JCM3048S15
±12 V
±1.25 A
8 mA
685 mA
±15.0 V
91%
±750 µF
JCM3048D12
±15 V
±1.0 A
8 mA
680 mA
±18.0 V
92%
±500 µF
JCM3048D15
5
3
4
2
1
0.6
(15.24)
DIA
0.04
(1.0)
6
1.0
(25.4)
1.0
(25.4)
0.04 (1.0)
1.0 (25.4)
0.1
(2.54)
0.4
(10.16)
0.4
(10.16)
0.5
(0.02)
0.1
(2.54)
0.1
(2.54)
0.24
(6.0)
0.1
(2.54)
0.8
(20.32)
0.3
(7.62)
0.2
(5.08)
0.41
(10.4)
1.0 (25.4)
0.66 (16.8)
Top View
Print
Face
6
32
1
54
1. All dimensions are in inches (mm)
2. Weight: 0.042 lbs (19 g) approx.
3. Pin diameter: 0.04±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote
On/Off
Remote
On/Off
4
+Vout
+Vout
5
Trim
Common
6
-Vout
-Vout


Similar Part No. - JCM3048S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCM1512D05 XPPOWER-JCM1512D05 Datasheet
119Kb / 2P
   15/20 Watts
JCM1512D12 XPPOWER-JCM1512D12 Datasheet
119Kb / 2P
   15/20 Watts
JCM1512D15 XPPOWER-JCM1512D15 Datasheet
119Kb / 2P
   15/20 Watts
JCM1512S05 XPPOWER-JCM1512S05 Datasheet
119Kb / 2P
   15/20 Watts
JCM1512S12 XPPOWER-JCM1512S12 Datasheet
119Kb / 2P
   15/20 Watts
More results

Similar Description - JCM3048S3V3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com