Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81063 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81063
Description  Synchronous Buck MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81063 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81063 Datasheet HTML 1Page - ON Semiconductor NCP81063 Datasheet HTML 2Page - ON Semiconductor NCP81063 Datasheet HTML 3Page - ON Semiconductor NCP81063 Datasheet HTML 4Page - ON Semiconductor NCP81063 Datasheet HTML 5Page - ON Semiconductor NCP81063 Datasheet HTML 6Page - ON Semiconductor NCP81063 Datasheet HTML 7Page - ON Semiconductor NCP81063 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. P1
1
Publication Order Number:
NCP81063/D
NCP81063
Product Preview
Synchronous Buck MOSFET
Drivers
The NCP81063 is a high−performance dual MOSFET gate driver
in a small 3 mm x 3 mm package, optimized to drive the gates of both
high−side and low−side power MOSFETs in a synchronous buck
converter. A zero−current detection feature allows for a
high−efficiency solution even at light load conditions. VCC UVLO
ensures the MOSFETs are off when supply voltages are low. A
bi−directional Enable pin provides a fault signal to the controller
when a UVLO fault is detected.
Features
Space−efficient 3 mm x 3 mm DFN8 Thermally−enhanced Package
VCC Range of 4.5 V to 13.2 V
Integrated Bootstrap Diode
5 V 3−stage PWM input
Zero Current Detect Function Provides Power Saving Operation
During Light Load Conditions
Bi−directional Enable Feature Pulls Enable Pin Low During a
UVLO Fault
Output Disable Control Turns Off Both MOSFETs
VCC Undervoltage Lockout
Adaptive Anti−cross Conduction Circuit Protects Against
Cross−conduction During FET Turn−on and Turn−off
Direct Interface to NCP6151 and Other Compatible PWM
Controllers
Thermally Enhanced Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Power Solutions for Notebook and Desktop Systems
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
Device
Package
Shipping
ORDERING INFORMATION
NCP81063MNTXG
DFN8
(Pb−Free)
3000 /
Tape & Reel
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
DFN8
MN SUFFIX
CASE 506BJ
MARKING DIAGRAM
1
81063
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
81063
ALYW
G
G
1
(Note: Microdot may be in either location)


Similar Part No. - NCP81063

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP81062MNTWG ONSEMI-NCP81062MNTWG Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results

Similar Description - NCP81063

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
logo
Renesas Technology Corp
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Texas Instruments
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com