Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81071ADR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP81071ADR2G
Description  Dual 5 A High Speed Low-Side MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81071ADR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP81071ADR2G Datasheet HTML 1Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 2Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 3Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 4Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 5Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 6Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 7Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 8Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP81071
www.onsemi.com
2
VDD
VDD
VDD
VDD
Ref
Ref
Ref
Ref
Logic
A Channel
Logic
B Channel
UVLO
VDD
VDD
VDD
VDD
INA
ENA
GND
INB
ENB
OUTA
OUTB
VDD
Figure 1. NCP81071 Block Diagram
NCP81071A
NCP81071B
NCP81071C
VDD
VDD
Ref
Ref
Ref
Ref
Logic
A Channel
Logic
B Channel
UVLO
VDD
VDD
VDD
VDD
INA
ENA
GND
INB
ENB
OUTA
OUTB
VDD
VDD
VDD
VDD
Ref
Ref
Ref
Ref
Logic
A Channel
Logic
B Channel
UVLO
VDD
VDD
VDD
VDD
INA
ENA
GND
INB
ENB
OUTA
OUTB
VDD
Table 1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
ENA
Enable input for the driver channel A with logic compatible threshold and hysteresis. This pin is used to en-
able and disable the driver output. It is internally pulled up to VDD with a 200 k
W resistor for active high op-
eration. The output of the pin when the device is disabled will be always low.
2
INA
Input of driver channel A which has logic compatible threshold and hysteresis. If not used, this pin should be
connected to either VDD or GND. It should not be left unconnected.
3
GND
Common ground. This ground should be connected very closely to the source of the power MOSFET.
4
INB
Input of driver channel B which has logic compatible threshold and hysteresis. If not used, this pin should be
connected to either VDD or GND. It should not be left unconnected.
5
OUTB
Output of driver channel B. The driver is able to provide 5 A drive current to the gate of the power MOSFET.
6
VDD
Supply voltage. Use this pin to connect the input power for the driver device.
7
OUTA
Output of driver channel A. The driver is able to provide 5 A drive current to the gate of the power MOSFET.
8
ENB
Enable input for the driver channel B with logic compatible threshold and hysteresis. This pin is used to en-
able and disable the driver output. It is internally pulled up to VDD with a 200 k
W resistor for active high op-
eration. The output of the pin when the device is disabled will be always low.


Similar Part No. - NCP81071ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
More results

Similar Description - NCP81071ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com