Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEU0348S15 Datasheet(PDF) 1 Page - XP Power Limited

Part # IEU0348S15
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IEU0348S15 Datasheet(HTML) 1 Page - XP Power Limited

  IEU0348S15 Datasheet HTML 1Page - XP Power Limited IEU0348S15 Datasheet HTML 2Page - XP Power Limited IEU0348S15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IEU03 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
• Regulated Single & Dual Output
• 2:1 Input Range
• Compact DIP8 Package
• 1500 VDC Isolation
• Operating Temperature -40 °C to +95 °C
• ITE Safety Approvals
• Full Load at 70 °C
• Class A Conducted & Radiated Emissions
• 3 Year Warranty
Dimensions:
IEU03:
0.55 x 0.55 x 0.31” (14.0 x 14.0 x 8.0 mm)
3 Watt
Input voltage
Output voltage
Output current
Input current(1)
Maximum
capacitive load(2)
Efficiency
Model number
No load
Full load
4.5-10V
3V3
600 mA
45 mA
500 mA
100 µF
79%
IEU0305S3V3
5 V
600 mA
740 mA
100 µF
81%
IEU0305S05
12 V
250 mA
705 mA
100 µF
85%
IEU0305S12
15 V
200 mA
705 mA
100 µF
85%
IEU0305S15
±5 V
±300 mA
770 mA
±100 µF
82%
IEU0305D05
±12 V
±125 mA
715 mA
±100 µF
84%
IEU0305D12
±15 V
±100 mA
705 mA
±100 µF
85%
IEU0305D15
9-18V
3V3
600 mA
27 mA
205 mA
100 µF
80%
IEU0312S3V3
5 V
600 mA
300 mA
100 µF
83%
IEU0312S05
12 V
250 mA
285 mA
100 µF
87%
IEU0312S12
15 V
200 mA
285 mA
100 µF
87%
IEU0312S15
±5 V
±300 mA
300 mA
±100 µF
84%
IEU0312D05
±12 V
±125 mA
290 mA
±100 µF
86%
IEU0312D12
±15 V
±100 mA
285 mA
±100 µF
87%
IEU0312D15
18-36V
3V3
600 mA
16 mA
105 mA
100 µF
80%
IEU0324S3V3
5 V
600 mA
150 mA
100 µF
83%
IEU0324S05
12 V
250 mA
145 mA
100 µF
87%
IEU0324S12
15 V
200 mA
145 mA
100 µF
87%
IEU0324S15
±5 V
±300 mA
150 mA
±100 µF
84%
IEU0324D05
±12 V
±125 mA
145 mA
±100 µF
86%
IEU0324D12
±15 V
±100 mA
145 mA
±100 µF
87%
IEU0324D15
36-75V
3V3
600 mA
10 mA
52 mA
100 µF
79%
IEU0348S3V3
5 V
600 mA
76 mA
100 µF
82%
IEU0348S05
12 V
250 mA
73 mA
100 µF
86%
IEU0348S12
15 V
200 mA
73 mA
100 µF
86%
IEU0348S15
±5 V
±300 mA
76 mA
±100 µF
82%
IEU0348D05
±12 V
±125 mA
74 mA
±100 µF
85%
IEU0348D12
±15 V
±100 mA
74 mA
±100 µF
85%
IEU0348D15


Similar Part No. - IEU0348S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IEU02 XPPOWER-IEU02 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205 XPPOWER-IEU0205 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D05 XPPOWER-IEU0205D05 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D12 XPPOWER-IEU0205D12 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D15 XPPOWER-IEU0205D15 Datasheet
292Kb / 3P
   DC-DC Converter
More results

Similar Description - IEU0348S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com