Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81071CZR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP81071CZR2G
Description  Dual 5 A High Speed Low-Side MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81071CZR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP81071CZR2G Datasheet HTML 4Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 5Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 6Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 7Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 8Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 9Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 10Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 11Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP81071
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 12. Supply Current vs. Supply Voltage
(CLOAD = 4.7 nF)
Figure 13. Supply Current vs. Supply Voltage
(NCP81071A)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
0
20
40
60
80
120
140
160
18
16
14
12
10
8
6
4
0
0.2
0.4
0.8
1.0
1.4
1.8
2.0
Figure 14. Supply Current vs. Supply Voltage
(NCP81071B)
Figure 15. Supply Current vs. Supply Voltage
(NCP81071C)
Figure 16. Rise Time vs. Temperature
Figure 17. Fall Time vs. Temperature
TEMPERATURE (
°C)
120
100
80
60
20
0
−20
−40
0
2
4
6
8
10
12
20
100
CLOAD = 4.7 nF
50 kHz
2 MHz
1 MHz
500 kHz
200 kHz
100 kHz
20
0.6
1.2
1.6
Input = GND
Input = VDD
SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
0
0.2
0.4
0.8
1.0
1.4
1.8
2.0
20
0.6
1.2
1.6
Input = GND
Input = VDD
SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
0
0.2
0.4
0.8
1.0
1.4
1.8
2.0
20
0.6
1.2
1.6
Input = GND
Input = VDD
40
140
VDD = 20 V
VDD = 15 V
VDD = 10 V
VDD = 5 V
TEMPERATURE (
°C)
120
100
80
60
20
0
−20
−40
0
2
4
6
8
10
12
40
140
VDD = 20 V
VDD = 15 V
VDD = 10 V
VDD = 5 V


Similar Part No. - NCP81071CZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071CZR2G ONSEMI-NCP81071CZR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
More results

Similar Description - NCP81071CZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com