Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV7240 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7240
Description  Octal Low-Side Relay Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7240 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7240 Datasheet HTML 5Page - ON Semiconductor NCV7240 Datasheet HTML 6Page - ON Semiconductor NCV7240 Datasheet HTML 7Page - ON Semiconductor NCV7240 Datasheet HTML 8Page - ON Semiconductor NCV7240 Datasheet HTML 9Page - ON Semiconductor NCV7240 Datasheet HTML 10Page - ON Semiconductor NCV7240 Datasheet HTML 11Page - ON Semiconductor NCV7240 Datasheet HTML 12Page - ON Semiconductor NCV7240 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
NCV7240, NCV7240A, NCV7240B
www.onsemi.com
9
TYPICAL PERFORMANCE GRAPHS
Figure 6. VDD Low Iq Current vs. Temperature
Figure 7. VDDA Low Iq Quiescent Current vs.
VDDA
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−40
−20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VDD = 5 V
VDDA (V)
3
3.5
4
4.5
5
5.5
6.0
5.0
4.0
3.0
2.0
1.0
0
150
°C
−40
°C
−40
°C
Figure 8. VDDA Low Iq Current vs.
Temperature
−40
−20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
VDDA = 5 V
Figure 9. VDD Low Iq Current vs. VDD
VDD (V)
3
3.5
4
4.5
5
5.5
1.2
150
°C
−40
°C
25
°C
25
°C
OUTPUT CURRENT (mA)
50
70
90
110
130
150
170
44
43
42
41
40
39
38
37
36
TEMPERATURE (
°C)
180 mA
50 mA
Figure 10. Output Clamp Voltage vs. Current
Figure 11. Output Clamp Voltage vs.
Temperature
1.0
0.8
0.6
0.4
0.2
0
44
43
42
41
40
39
38
37
36
−40
−20
0
20
40
60
80
100
120 140
1.4


Similar Part No. - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240 Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240ADPR2G ONSEMI-NCV7240ADPR2G Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240BDPR2G ONSEMI-NCV7240BDPR2G Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
More results

Similar Description - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com