Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEU0205 Datasheet(PDF) 3 Page - XP Power Limited

Part # IEU0205
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IEU0205 Datasheet(HTML) 3 Page - XP Power Limited

  IEU0205 Datasheet HTML 1Page - XP Power Limited IEU0205 Datasheet HTML 2Page - XP Power Limited IEU0205 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IEU03 Series
www.xppower.com
DC-DC Converter
3
26 May 16
1
4
75
Bottom View
0.30 (7.62)
0.13
(3.19)
0.13
(3.19)
2x0.10
(2x2.54)
0 55 (14 0)
6
0.10
(2.54)
ø 0.02
(0.50)
0.12
(3.1)
1. All dimensions are in inches (mm)
2. Weight:
0.008 lbs (3.9 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
4
+Vin
+Vin
5
+Vout
+Vout
6
No Pin
Common
7
-Vout
-Vout
Mechanical Details
Application Notes
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±8 kV air discharge, ±6 kV contact
A
Radiated
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
±2 kV
A
With external input capacitor,
suggested part is CHEMI-CON KY 220µF/100V
Surge
EN61000-4-5
±1 kV
A
With external input capacitor,
suggested part is CHEMI-CON KY 220µF/100V
Conducted
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
3 A/m
A
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1
Information Technology
UL
UL/cUL60950-1
Information Technology
Model
C1
L1
IEU0205
22 µF/16 V
3.3 µH
IEU0212
22 µF/25 V
18.0 µH
IEU0224
10 µF/50 V
39.0 µH
IEU0248
3.3 µF/100 V
68.0 µH
-40
0
Ambient Temperature (°C)
100
95
70
L1
+Vin
-Vin
C1
Derating Curve
EMI Filter
C1 = 5, 12 & 24 V: 1206 X5R MLCC, 48 V: 1206 X7S MLCC,
L1 = SCD0504T series


Similar Part No. - IEU0205

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IEU0205 XPPOWER-IEU0205 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D05 XPPOWER-IEU0205D05 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D12 XPPOWER-IEU0205D12 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205D15 XPPOWER-IEU0205D15 Datasheet
292Kb / 3P
   DC-DC Converter
IEU0205S05 XPPOWER-IEU0205S05 Datasheet
292Kb / 3P
   DC-DC Converter
More results

Similar Description - IEU0205

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com