Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHL0215D15 Datasheet(PDF) 1 Page - XP Power Limited

Part # IHL0215D15
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHL0215D15 Datasheet(HTML) 1 Page - XP Power Limited

  IHL0215D15 Datasheet HTML 1Page - XP Power Limited IHL0215D15 Datasheet HTML 2Page - XP Power Limited IHL0215D15 Datasheet HTML 3Page - XP Power Limited IHL0215D15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IHL02 Series
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
maximum
Units
Notes & Conditions
Output Voltage
3.3
30
VDC
See Models and Ratings table
Initial Set Accuracy
±5
%
At full load
Minimum Load
10
%
Minimum load required to meet specified regulation
Line Regulation
±1.2
%/1%
Output changes by max of 1.2% for each 1% change in
input voltage
Load Regulation
12/10
%
For IHL0205S3V3 and IHL0205S05/Other Models.
From 10% to full load, see application note
Cross Regulation
±5
%
On dual output models, when one output is at 25% load
and other is varied from 10% load to full load
Ripple & Noise
150
mV pk-pk
20 MHz bandwidth. Measured using 10 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.03
%/ ˚C
Characteristic
Minimum
Typical
maximum
Units
Notes & Conditions
Input Voltage Range
4.5
5.5
VDC
5 V nominal
10.8
13.2
12 V nominal
13.5
16.5
15 V nominal
21.6
26.4
24 V nominal
Input Reflected Ripple Current
20
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
9
VDC for 100 ms
5 V nominal
18
12 V nominal
20
15 V nominal
30
24 V nominal
xxx Series
www.xppower.com
1
• High Isolation, 5200 V
• 250 VAC Working Voltage
• Single and Dual Outputs
• Bipolar Outputs for MOSFET and IGBT Drives
• SIP7 Package
• -40 °C to +95 °C Operation
• Full Load at 65 °C Ambient
• MTBF 2.5 MHrs
• 3 Year Warranty
Dimensions:
IHL02:
0.77 x 0.28 x 0.39” (19.5 x 7.2 x 10.0 mm)
2 Watts
Mechanical Details
Printed
Face
0.28
(7.2)
0.39
(10.0)
0.02
(0.5)
0.02
(0.5)
0.02
(0.5)
0.01
(0.25)
0.08
(2.0)
0.12
(3.0)
0.37
(9.5)
0.08
(2.13)
0.08
(2.13)
0.10 (2.54)
0.60 (15.24)
0.76 (19.5)
0.28
(7.2)
1. All dimensions are in inches (mm)
2. Weight: 0.006 lbs (2.7 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitchand length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout


Similar Part No. - IHL0215D15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
234Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 18-Dec-15
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
242Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 20-Oct-17
More results

Similar Description - IHL0215D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com