Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV7710 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7710
Description  Door-Module Driver-IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7710 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7710 Datasheet HTML 4Page - ON Semiconductor NCV7710 Datasheet HTML 5Page - ON Semiconductor NCV7710 Datasheet HTML 6Page - ON Semiconductor NCV7710 Datasheet HTML 7Page - ON Semiconductor NCV7710 Datasheet HTML 8Page - ON Semiconductor NCV7710 Datasheet HTML 9Page - ON Semiconductor NCV7710 Datasheet HTML 10Page - ON Semiconductor NCV7710 Datasheet HTML 11Page - ON Semiconductor NCV7710 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCV7710
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS
4.5 V < Vcc < 5.25 V, 8 V < Vs < 18 V, −40°C < Tj < 150°C; unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
DIGITAL INPUTS CSB, SCLK, PWM1/2, SI
Vinl
Input low level
Vcc = 5 V
0.3·Vcc
V
Vinh
Input high level
0.7·Vcc
V
Vin_hyst
Input hysteresis
500
mV
Rcsb_pu
CSB pull−up resistor
Vcc = 5 V,
0 V < Vcsb < 0.7·Vcc
30
120
250
kW
Rsclk_pd
SCLK pull−down resistor
Vcc = 5 V,
Vsclk = 1.5 V
30
60
220
kW
Rsi_pd
SI pull−down resistor
Vcc = 5 V,
Vsi = 1.5 V
30
60
220
kW
Rpwm1_pd
PWM1 pull−down resistor
Vcc = 5 V
Vpwm1 = 1.5 V
30
60
220
kW
Rpwm2_pd
PWM2 pull−down resistor
Vcc = 5 V,
Vpwm2 = 1.5 V,
current sense disabled
30
60
220
kW
Ileak_isout
Output leakage current
Vpwm2 = 0 V,
current sense enabled
−1
1
mA
Ccsb/sclk/pwm1/2
Pin capacitance
0 V < Vcc < 5.25 V (Note 8)
10
pF
DIGITAL INPUTS CSB, SCLK, SI; TIMING
tsclk
Clock period
Vcc = 5 V
1000
ns
tsclk_h
Clock high time
115
ns
tsclk_l
Clock low time
115
ns
tset_csb
CSB setup time, CSB low before rising
edge of SCLK
400
ns
tset_sclk
SCLK setup time, SCLK low before rising
edge of CSB
400
ns
tset_si
SI setup time
200
ns
thold_si
SI hold time
200
ns
tr_in
Rise time of input signal SI, SCLK, CSB
100
ns
tf_in
Fall time of input signal SI, SCLK, CSB
100
ns
tcsb_hi_stdby
Minimum CSB high time, switching from
Standby mode
Transfer of SPI−command to
input register, valid before tsact
mode transition delay expires
5
10
ms
tcsb_hi_min
Minimum CSB high time, Active mode
2
4
ms
8. Values based on design and/or characterization.


Similar Part No. - NCV7710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710DQR2G ONSEMI-NCV7710DQR2G Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
More results

Similar Description - NCV7710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
   Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
   Door Module Power IC
Rev. 2.0 2006-06-07
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com