Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHA0115S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # IHA0115S05
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHA0115S05 Datasheet(HTML) 2 Page - XP Power Limited

  IHA0115S05 Datasheet HTML 1Page - XP Power Limited IHA0115S05 Datasheet HTML 2Page - XP Power Limited IHA0115S05 Datasheet HTML 3Page - XP Power Limited IHA0115S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IHA01 Series
www.xppower.com
2
DC-DC Converter
Models & Ratings
Notes
Input currents measured at nominal input voltage.
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
77
%
See Models and Ratings table
Isolation: Input to Output
6000
VDC
Isolation Working Voltage
250
VAC
Isolation Resistance
109
Ω
Isolation Capacitance
10
pF
Switching Frequency
20
50
kHz
Power Density
6.8
W/in3
Mean Time Between Failure
2.39
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.009 (4.2)
lb (g)
Input Voltage
Output Voltage
Output Current
Input current
Max. capacitive load
Efficiency
Model Number
No Load
Full Load
4.5-5.5 V
3V3
303 mA
30 mA
280 mA
220 µF
71%
IHA0105S3V3
5 V
200 mA
30 mA
265 mA
220 µF
75%
IHA0105S05
9 V
111 mA
30 mA
260 mA
220 µF
77%
IHA0105S09
12 V
83 mA
45 mA
265 mA
220 µF
76%
IHA0105S12
15 V
67 mA
40 mA
260 mA
220 µF
77%
IHA0105S15
±3V3
±151 mA
30 mA
275 mA
±100 µF
73%
IHA0105D03
±5 V
±100 mA
30 mA
265 mA
±100 µF
75%
IHA0105D05
±9 V
±56 mA
30 mA
260 mA
±100 µF
77%
IHA0105D09
±12 V
±42 mA
45 mA
265 mA
±100 µF
76%
IHA0105D12
±15 V
±33 mA
40 mA
260 mA
±100 µF
77%
IHA0105D15
+15 V / -9 V
+33 mA / -55 mA
40 mA
265 mA
±100 µF
76%
IHA0105D1509
8.1-9.9 V
3V3
303 mA
20 mA
155 mA
220 µF
72%
IHA0109S3V3
5 V
200 mA
25 mA
145 mA
220 µF
77%
IHA0109S05
9 V
111 mA
25 mA
140 mA
220 µF
79%
IHA0109S09
12 V
83 mA
25 mA
145 mA
220 µF
77%
IHA0109S12
15 V
67 mA
25 mA
140 mA
220 µF
79%
IHA0109S15
±3V3
±151 mA
25 mA
155 mA
±100 µF
73%
IHA0109D03
±5 V
±100 mA
25 mA
150 mA
±100 µF
75%
IHA0109D05
±9 V
±56 mA
25 mA
140 mA
±100 µF
79%
IHA0109D09
±12 V
±42 mA
25 mA
145 mA
±100 µF
77%
IHA0109D12
±15 V
±33 mA
25 mA
140 mA
±100 µF
79%
IHA0109D15
+15 V / -9 V
+33 mA / -55 mA
25 mA
140 mA
±100 µF
78%
IHA0109D1509
10.8-13.2 V
3V3
303 mA
20 mA
120 mA
220 µF
70%
IHA0112S3V3
5 V
200 mA
20 mA
115 mA
220 µF
73%
IHA0112S05
9 V
111 mA
20 mA
110 mA
220 µF
77%
IHA0112S09
12 V
83 mA
20 mA
115 mA
220 µF
73%
IHA0112S12
15 V
67 mA
20 mA
110 mA
220 µF
76%
IHA0112S15
±3V3
±151 mA
20 mA
115 mA
±100 µF
72%
IHA0112D03
±5 V
±100 mA
20 mA
115 mA
±100 µF
73%
IHA0112D05
±9 V
±56 mA
20 mA
110 mA
±100 µF
77%
IHA0112D09
±12 V
±42 mA
20 mA
115 mA
±100 µF
74%
IHA0112D12
±15 V
±33 mA
20 mA
110 mA
±100 µF
76%
IHA0112D15
+15 V / -9 V
+33 mA / -55 mA
20 mA
110 mA
±100 µF
76%
IHA0112D1509
13.5-16.5 V
3V3
303 mA
15 mA
91 mA
220 µF
73%
IHA0115S3V3
5 V
200 mA
15 mA
87 mA
220 µF
77%
IHA0115S05
9 V
111 mA
15 mA
83 mA
220 µF
80%
IHA0115S09
12 V
83 mA
15 mA
83 mA
220 µF
80%
IHA0115S12
15 V
67 mA
15 mA
84 mA
220 µF
79%
IHA0115S15
±3V3
±151 mA
15 mA
89 mA
±100 µF
75%
IHA0115D03
±5 V
±100 mA
15 mA
84 mA
±100 µF
79%
IHA0115D05
±9 V
±56 mA
15 mA
82 mA
±100 µF
81%
IHA0115D09
±12 V
±42 mA
15 mA
83 mA
±100 µF
80%
IHA0115D12
±15 V
±33 mA
15 mA
83 mA
±100 µF
80%
IHA0115D15
+15 V / -9 V
+33 mA / -55 mA
12 mA
79 mA
±100 µF
84%
IHA0115D1509
21.6-26.4 V
3V3
303 mA
15 mA
60 mA
220 µF
70%
IHA0124S3V3
5 V
200 mA
15 mA
59 mA
220 µF
71%
IHA0124S05
9 V
111 mA
15 mA
60 mA
220 µF
70%
IHA0124S09
12 V
83 mA
15 mA
58 mA
220 µF
72%
IHA0124S12
15 V
67 mA
15 mA
57 mA
220 µF
73%
IHA0124S15
±3V3
±151 mA
10 mA
61 mA
±100 µF
68%
IHA0124D03
±5 V
±100 mA
15 mA
60 mA
±100 µF
69%
IHA0124D05
±9 V
±56 mA
15 mA
57 mA
±100 µF
73%
IHA0124D09
±12 V
±42 mA
15 mA
58 mA
±100 µF
72%
IHA0124D12
±15 V
±33 mA
15 mA
56 mA
±100 µF
75%
IHA0124D15
+15 V / -9 V
+33 mA / -55 mA
15 mA
56 mA
±100 µF
74%
IHA0124D1509


Similar Part No. - IHA0115S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA VISHAY-IHA Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHA-101 VISHAY-IHA-101 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-102 VISHAY-IHA-102 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHA-103 VISHAY-IHA-103 Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
More results

Similar Description - IHA0115S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com