Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSV45015WT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSV45015WT1G
Description  Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV45015WT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSV45015WT1G Datasheet HTML 1Page - ON Semiconductor NSV45015WT1G Datasheet HTML 2Page - ON Semiconductor NSV45015WT1G Datasheet HTML 3Page - ON Semiconductor NSV45015WT1G Datasheet HTML 4Page - ON Semiconductor NSV45015WT1G Datasheet HTML 5Page - ON Semiconductor NSV45015WT1G Datasheet HTML 6Page - ON Semiconductor NSV45015WT1G Datasheet HTML 7Page - ON Semiconductor NSV45015WT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NSI45015WT1G
http://onsemi.com
3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 5) TA = 25°C
Derate above 25
°C
PD
208
1.66
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 5)
RθJA
600
°C/W
Thermal Reference, Lead−to−Ambient (Note 5)
R
ψLA
404
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 5)
R
ψJL
196
°C/W
Total Device Dissipation (Note 6) TA = 25°C
Derate above 25
°C
PD
227
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 6)
RθJA
550
°C/W
Thermal Reference, Lead−to−Ambient (Note 6)
R
ψLA
390
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 6)
R
ψJL
160
°C/W
Total Device Dissipation (Note 7) TA = 25°C
Derate above 25
°C
PD
347
2.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 7)
RθJA
360
°C/W
Thermal Reference, Lead−to−Ambient (Note 7)
R
ψLA
200
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 7)
R
ψJL
160
°C/W
Total Device Dissipation (Note 8) TA = 25°C
Derate above 25
°C
PD
368
2.9
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 8)
RθJA
340
°C/W
Thermal Reference, Lead−to−Ambient (Note 8)
R
ψLA
208
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 8)
R
ψJL
132
°C/W
Total Device Dissipation (Note 9) TA = 25°C
Derate above 25
°C
PD
436
3.5
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 9)
RθJA
287
°C/W
Thermal Reference, Lead−to−Ambient (Note 9)
R
ψLA
139
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 9)
R
ψJL
148
°C/W
Total Device Dissipation (Note 10) TA = 25°C
Derate above 25
°C
PD
463
3.7
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 10)
RθJA
270
°C/W
Thermal Reference, Lead−to−Ambient (Note 10)
R
ψLA
150
°C/W
Thermal Reference, Junction−to−Cathode Lead (Note 10)
R
ψJL
120
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
5. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
6. FR−4 @ 100 mm2, 2 oz. copper traces, still air.
7. FR−4 @ 300 mm2, 1 oz. copper traces, still air.
8. FR−4 @ 300 mm2, 2 oz. copper traces, still air.
9. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
10. FR−4 @ 500 mm2, 2 oz. copper traces, still air.
NOTE: Lead measurements are made by non−contact methods such as IR with treated surface to increase emissivity to 0.9.
Lead temperature measurement by attaching a T/C may yield values as high as 30% higher
°C/W values based upon empirical
measurements and method of attachment.


Similar Part No. - NSV45015WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV45020AT1G ONSEMI-NSV45020AT1G Datasheet
161Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 6
NSV45020JZ ONSEMI-NSV45020JZ Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSV45020JZT1G ONSEMI-NSV45020JZT1G Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSV45020T1G ONSEMI-NSV45020T1G Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 6
NSV45025AT1G ONSEMI-NSV45025AT1G Datasheet
161Kb / 8P
   Constant Current Regulator & LED Driver
October, 2014 ??Rev. 5
More results

Similar Description - NSV45015WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
   Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
NSIC2050JBT3G ONSEMI-NSIC2050JBT3G Datasheet
171Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com