Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH015 Datasheet(PDF) 4 Page - XP Power Limited

Part # QH015
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH015 Datasheet(HTML) 4 Page - XP Power Limited

  QH015 Datasheet HTML 1Page - XP Power Limited QH015 Datasheet HTML 2Page - XP Power Limited QH015 Datasheet HTML 3Page - XP Power Limited QH015 Datasheet HTML 4Page - XP Power Limited QH015 Datasheet HTML 5Page - XP Power Limited QH015 Datasheet HTML 6Page - XP Power Limited QH015 Datasheet HTML 7Page - XP Power Limited QH015 Datasheet HTML 8Page - XP Power Limited QH015 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4752CM01
PAGE 4
WWW.XPPOWER.COM
Q MODELS - 0.50 Watt
QH MODELS - 1.25 Watt
OUTPUT
VOLTAGE*2
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
POSITIVE
0 to +1000 VDC
Q10
0.500 mA
<0.250 %
QH10
1.250 mA
<1.0%
0 to +1200 VDC
Q12
0.417 mA
<0.250 %
QH12
1.042 mA
<1.0%
0 to +1500 VDC
Q15
0.333 mA
<0.250 %
QH15
0.833 mA
<1.0%
0 to +2000 VDC
Q20
0.250 mA
<0.250 %
QH20
0.625 mA
<1.0%
NEGATIVE
0 to -1000 VDC
Q10N
0.500 mA
<0.250 %
QH10N
1.250 mA
<1.0%
0 to -1200 VDC
Q12N
0.417 mA
<0.250 %
QH12N
1.042 mA
<1.0%
0 to -1500 VDC
Q15N
0.333 mA
<0.250 %
QH15N
0.833 mA
<1.0%
0 to -2000 VDC
Q20N
0.250 mA
<0.250 %
QH20N
0.625 mA
<1.0%
PARAMETER
VALUE
INPUT VOLTAGE
0 to 5, 12, 15 or 24 VOLTS
TYPICAL TURN-ON VOLTAGE
<0.7 VOLTS
ISOLATION
< +/- 500 VDC BIAS ON OUTPUT RETURN (PIN4)
OUTPUT VOLTAGE TOLERANCE
+10%, -10% (AT 100% OUTPUT, FULL LOAD)
FREQUENCY
75-500KHZ (TYPICAL)
CONTROL PIN
0 to VIN (SEE PAGE 12 FOR DETAILS)
STORAGE TEMPERATURE
-55 to +105°C
STANDARD OPERATING TEMPERATURE
-25 to +70°C*4 (CASE)
EXTENDED OPERATING TEMPERATURE
-55 to +75°C*4 (CASE) [Q models / 0.5W]
INPUT CURRENT
Q MODELS - 0.50 Watt QH MODELS - 1.250 Watt
VIN
NO-LOAD FULL-LOAD NO-LOAD FULL-LOAD
5 VDC
<100 mA
<250 mA
<250 mA
<550 mA
12 VDC
<40 mA
<100 mA
<100 mA
<250 mA
15 VDC
<32 mA
<80 mA
<80 mA
<200 mA
24 VDC
<20 mA
<50 mA
<50 mA
<125 mA
Q SERIES
ELECTRICAL SPECIFICATIONS*3(1,000V - 2,000V)


Similar Part No. - QH015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QH01-0016 MACOM-QH01-0016 Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
logo
M/A-COM Technology Solu...
QH01-0016-G MA-COM-QH01-0016-G Datasheet
79Kb / 4P
   Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
QH01-0016-G-TR MA-COM-QH01-0016-G-TR Datasheet
79Kb / 4P
   Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
logo
Tyco Electronics
QH01-0016-RTR MACOM-QH01-0016-RTR Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
QH01-0016-TR MACOM-QH01-0016-TR Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
More results

Similar Description - QH015

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com