Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSV45020JZT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSV45020JZT1G
Description  Adjustable Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV45020JZT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSV45020JZT1G Datasheet HTML 1Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 2Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 3Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 4Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 5Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 6Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 7Page - ON Semiconductor NSV45020JZT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 2
1
Publication Order Number:
NSI45020JZ/D
NSI45020JZ, NSV45020JZ
Adjustable Constant Current
Regulator & LED Driver
45 V, 20 − 40 mA + 15%, 1.5 W Package
The adjustable constant current regulator (CCR) is a simple,
economical and robust device designed to provide a cost effective
solution for regulating current in LEDs (similar to Constant Current
Diode, CCD). The CCR is based on Self-Biased Transistor (SBT)
technology and regulates current over a wide voltage range. It is
designed with a negative temperature coefficient to protect LEDs from
thermal runaway at extreme voltages and currents.
The CCR turns on immediately and is at 20% of regulation with
only 0.5 V Vak. The Radj pin allows Ireg(SS) to be adjusted to higher
currents by attaching a resistor between Radj (Pin 3) and the Cathode
(Pin 4). The Radj pin can also be left open (No Connect) if no
adjustment is required. It requires no external components allowing it
to be designed as a high or low−side regulator. The high anode-
cathode voltage rating withstands surges common in Automotive,
Industrial and Commercial Signage applications. This device is
available in a thermally robust package and is qualified to stringent
AEC−Q101 standard, which is lead-free RoHS compliant and uses
halogen-free molding compound, and UL94−V0 certified.
Features
Robust Power Package: 1.5 Watts
Adjustable up to 40 mA
Wide Operating Voltage Range
Immediate Turn-On
Voltage Surge Suppressing − Protecting LEDs
AEC−Q101 Qualified and PPAP Capable, UL94−V0 Certified
SBT (Self−Biased Transistor) Technology
Negative Temperature Coefficient
Eliminates Additional Regulation
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automobile: Chevron Side Mirror Markers, Cluster, Display &
Instrument Backlighting, CHMSL, Map Light
AC Lighting Panels, Display Signage, Decorative Lighting, Channel
Lettering
Switch Contact Wetting
Application Note AND8349/D − Automotive CHMSL
Application Note AND8391/D − Power Dissipation Considerations
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NSI45020JZT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
Anode
1
2/4
Cathode
Ireg(SS) = 20 − 40 mA
@ Vak = 7.5 V
3
Radj
SOT−223
CASE 318E
STYLE 2
MARKING DIAGRAM
(Note: Microdot may be in either location)
1
AYW
AAJG
G
A
= Assembly Location
Y
= Year
W
= Work Week
AAJ
= Specific Device Code
G
= Pb−Free Package
C
C
A
Radj
NSV45020JZT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NSV45020JZT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV45020AT1G ONSEMI-NSV45020AT1G Datasheet
161Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 6
NSV45020T1G ONSEMI-NSV45020T1G Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 6
More results

Similar Description - NSV45020JZT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
   Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090DDT4G ONSEMI-NSI45090DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com