Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSI50150ADT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSI50150ADT4G
Description  Adjustable Constant Current Regulator & LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI50150ADT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NSI50150ADT4G_15 Datasheet HTML 1Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 2Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 3Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 4Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 5Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 6Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 7Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 8Page - ON Semiconductor NSI50150ADT4G_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NSI50150ADT4G
www.onsemi.com
5
300 mm2
2 oz Cu
Figure 7. DPAK Thermal Power Dissipation vs.
Ambient Temperature @ TJ = 1755C
TA, AMBIENT TEMPERATURE (°C)
1200
1500
1800
2100
2400
2700
3000
3300
3600
3900
4200
4500
4800
5100
5400
5700
6000
−40
−20
0
20
40
60
80
700 mm2 2 oz
500 mm2 2 oz Cu
500 mm2
1 oz Cu
300 mm2 1 oz Cu
700 mm2 1 oz Cu
1000 mm2 3 oz Cu
400 mm2 MCPCB


Similar Part No. - NSI50150ADT4G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
More results

Similar Description - NSI50150ADT4G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090DDT4G ONSEMI-NSI45090DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com