Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH10 Datasheet(PDF) 8 Page - XP Power Limited

Part # QH10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH10 Datasheet(HTML) 8 Page - XP Power Limited

Back Button QH10 Datasheet HTML 4Page - XP Power Limited QH10 Datasheet HTML 5Page - XP Power Limited QH10 Datasheet HTML 6Page - XP Power Limited QH10 Datasheet HTML 7Page - XP Power Limited QH10 Datasheet HTML 8Page - XP Power Limited QH10 Datasheet HTML 9Page - XP Power Limited QH10 Datasheet HTML 10Page - XP Power Limited QH10 Datasheet HTML 11Page - XP Power Limited QH10 Datasheet HTML 12Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
4752CM01
PAGE 8
PIN #
100V TO 900V
1,000V TO 2,000V
1
INPUT (-)
INPUT (-)
2
INPUT (+)
INPUT (+)
3
OUTPUT (+)
HV OUTPUT
4
OUTPUT (-)
OUTPUT RETURN
5*
DUAL OUTPUT/CENTER
TAP
6*
CONTROL PIN
PARAMETER
VALUE
WEIGHT
0.15 OUNCESAPPROX. (4.25 GRAMS)
VOLUME
0.125 CUBIC INCHES (2.05CM3)
DIMENSIONS
0.50L (12.7) X 0.50W (12.7) 0.50H (12.7)
Q AND QH SERIES
MECHANICAL SPECIFICATIONS(100V - 2,000V)
WWW.XPPOWER.COM
MODEL:
1111111111
MFG CODE:
111111111111
TOP
VIEW
SIDE
VIEW
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)
*OPTIONAL


Similar Part No. - QH10

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
QH12BZ600 POWERINT-QH12BZ600 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600 Datasheet
113Kb / 7P
   600 V, 12 A H-Series PFC Diode
QH12TZ600 POWERINT-QH12TZ600 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600_V01 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
logo
List of Unclassifed Man...
QH16T ETC2-QH16T Datasheet
13Mb / 1P
   INDIVIDUAL LOUDSPEAKERS
More results

Similar Description - QH10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com