Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZNUD3105DMT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SZNUD3105DMT1G
Description  Integrated Relay, Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3105DMT1G Datasheet(HTML) 2 Page - ON Semiconductor

  SZNUD3105DMT1G Datasheet HTML 1Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3105DMT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NUD3105
http://onsemi.com
2
Figure 1. Internal Circuit Diagrams
Drain (6)
1.0 k
300 k
Gate (2)
Source (1)
Drain (3)
1.0 k
300 k
Gate (5)
Source (4)
CASE 318F
Drain (3)
1.0 k
300 k
Gate (1)
Source (2)
CASE 318
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
VDSS
Drain to Source Voltage − Continuous
6.0
Vdc
VGS
Gate to Source Voltage – Continuous
6.0
Vdc
ID
Drain Current – Continuous
500
mA
Ez
Single Pulse Drain−to−Source Avalanche Energy (
TJinitial = 25°C) (Note 2)
50
mJ
Ezpk
Repetitive Pulse Zener Energy Limit (DC
v 0.01%) (f = 100 Hz, DC = 0.5)
4.5
mJ
TJ
Junction Temperature
150
°C
TA
Operating Ambient Temperature
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
PD
Total Power Dissipation (Note 1)
SOT−23
Derating Above 25
°C
225
1.8
mW
mW/
°C
Total Power Dissipation (Note 1)
SC−74
Derating Above 25
°C
380
1.5
mW
mW/
°C
RqJA
Thermal Resistance, Junction−to−Ambient
SOT−23
SC−74
556
329
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL_STD−883, Method 3015.
Machine Model Method 200 V.
2. Refer to the section covering Avalanche and Energy.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
VBRDSS
Drain to Source Sustaining Voltage (Internally Clamped), (ID = 10 mA)
6.0
8.0
9.0
V
BVGSO
Ig = 1.0 mA
8.0
V
IDSS
Drain to Source Leakage Current
(VDS = 5.5 V , VGS = 0 V, TJ = 25°C)
(VDS = 5.5 V, VGS = 0 V, TJ = 85°C )
15
15
mA
IGSS
Gate Body Leakage Current (318)
(VGS = 3.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V)
5.0
19
50
mA
Gate Body Leakage Current (318F)
(VGS = 3.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V)
5.0
35
65
mA


Similar Part No. - SZNUD3105DMT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
More results

Similar Description - SZNUD3105DMT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com