Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100703210096 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100703210096
Description  Messerleiste C 64 L철t
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100703210096 Datasheet(HTML) 1 Page - ERNI Electronics

  100703210096 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,54 (=78,74)
31 x
2,54
/ voreilend
S = standard
E S L
Stecklänge / mating length
E =
early mate, late break
L = late mate, early break / nacheilend
2,54
31 x 2,54 = 78,74
31
a
b
19
1
30
26
7
22
10
3
32
c
13
24
5
2
28
25
14
27
20
16
21
12
4
9 8
23
6
15
29
18 17
11
PCB drillhole pattern
Leiterplatten-Lochbild /
all holes
alle Löcher/
0,05
88,9
2,8
+0,1
1 ±0,1
Scale
All Dimensions
Class
I
Information:
Tolerances
09.07.2015
Messerleiste C 64 Löt
in mm
Designation
Drawing will not be updated.
version of this drawing, please
Male Connector C64 solder
STVC
before using.
100703210096
2:1
contact one of the ERNI companies
Index
A3
b
www.ERNI.com
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Stecklänge
date
Datum
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
mating length
RC 2
RC 2
RC 2
RC 2
ERNI
ERNI
ERNI
ERNI
Anforderungsstufe
class
max.94
88,9
+0,1
2,5
87,5
a b c
-0,4
3
±0,1
6
a1
c32
c1
a32
85,5
S
S
S
S
26
22
23
24
25
27
28
29
30
31
1
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
18
21
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
contact layout
c
b
a
2
3
4
5
6
7
8
9
10
11
19
12
13
14
15
16
17
20
Bestückungsplan /
32
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen /
performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2


Similar Part No. - 100703210096

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100703210045 ERNI-100703210045 Datasheet
28Kb / 1P
   Verriegelungshaken
100703210051 ERNI-100703210051 Datasheet
51Kb / 1P
   F 1,27 SRC A IDC 06-pin
100703210089 ERNI-100703210089 Datasheet
164Kb / 1P
   ERmet Messerleiste A
More results

Similar Description - 100703210096

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100903210171 ERNI-100903210171 Datasheet
81Kb / 1P
   Messerleiste C 64 L철t
101003210096 ERNI-101003210096 Datasheet
106Kb / 1P
   Messerleiste B 64 L철t
100803210096 ERNI-100803210096 Datasheet
106Kb / 1P
   Messerleiste B 64 L철t
101103210089 ERNI-101103210089 Datasheet
94Kb / 1P
   Messerleiste C 96 L철t
101404110001 ERNI-101404110001 Datasheet
83Kb / 1P
   Messerleiste C 66 L철t
101504110001 ERNI-101504110001 Datasheet
94Kb / 1P
   Messerleiste C 96 L철t
100503210149 ERNI-100503210149 Datasheet
61Kb / 1P
   Messerleiste C 32 L철t
101103210022 ERNI-101103210022 Datasheet
92Kb / 1P
   Messerleiste C 96 L철t
101003210089 ERNI-101003210089 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
101104110001 ERNI-101104110001 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com