Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSI45035JZ Datasheet(PDF) 8 Page - ON Semiconductor

Part # NSI45035JZ
Description  Adjustable Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI45035JZ Datasheet(HTML) 8 Page - ON Semiconductor

  NSI45035JZ Datasheet HTML 1Page - ON Semiconductor NSI45035JZ Datasheet HTML 2Page - ON Semiconductor NSI45035JZ Datasheet HTML 3Page - ON Semiconductor NSI45035JZ Datasheet HTML 4Page - ON Semiconductor NSI45035JZ Datasheet HTML 5Page - ON Semiconductor NSI45035JZ Datasheet HTML 6Page - ON Semiconductor NSI45035JZ Datasheet HTML 7Page - ON Semiconductor NSI45035JZ Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NSI45035JZ, NSV45035JZ
http://onsemi.com
8
PACKAGE DIMENSIONS
SOT−223 (TO−261)
CASE 318E−04
ISSUE N
1.5
0.059
mm
inches
SCALE 6:1
3.8
0.15
2.0
0.079
6.3
0.248
2.3
0.091
2.3
0.091
2.0
0.079
SOLDERING FOOTPRINT
STYLE 2:
PIN 1. ANODE
2. CATHODE
3. NC
4. CATHODE
A1
b1
D
E
b
e
e1
4
12
3
0.08 (0003)
A
L1
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.50
1.63
1.75
0.060
INCHES
A1
0.02
0.06
0.10
0.001
b
0.60
0.75
0.89
0.024
b1
2.90
3.06
3.20
0.115
c
0.24
0.29
0.35
0.009
D
6.30
6.50
6.70
0.249
E
3.30
3.50
3.70
0.130
e
2.20
2.30
2.40
0.087
0.85
0.94
1.05
0.033
0.064
0.068
0.002
0.004
0.030
0.035
0.121
0.126
0.012
0.014
0.256
0.263
0.138
0.145
0.091
0.094
0.037
0.041
NOM
MAX
L1
1.50
1.75
2.00
0.060
6.70
7.00
7.30
0.264
0.069
0.078
0.276
0.287
HE
e1
0
°
10°
0
°
10°
q
q
L
L
0.20
−−−
−−−
0.008
−−−
−−−
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NSI45035JZ/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSI45035JZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
More results

Similar Description - NSI45035JZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
   Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090DDT4G ONSEMI-NSI45090DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com