Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSI45060JDT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSI45060JDT4G
Description  Adjustable Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI45060JDT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NSI45060JDT4G_14 Datasheet HTML 1Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 2Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 3Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 4Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 5Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 6Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 7Page - ON Semiconductor NSI45060JDT4G_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NSI45060JDT4G
http://onsemi.com
3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 5) TA = 25°C
Derate above 25
°C
PD
1771
14.16
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 5)
RθJA
70.6
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 5)
R
ψJL4
6.8
°C/W
Total Device Dissipation (Note 6) TA = 25°C
Derate above 25
°C
PD
2083
16.67
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 6)
RθJA
60
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 6)
R
ψJL4
6.3
°C/W
Total Device Dissipation (Note 7) TA = 25°C
Derate above 25
°C
PD
2080
16.64
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 7)
RθJA
60.1
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 7)
R
ψJL4
6.5
°C/W
Total Device Dissipation (Note 8) TA = 25°C
Derate above 25
°C
PD
2441
19.53
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 8)
RθJA
51.2
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 8)
R
ψJL4
5.9
°C/W
Total Device Dissipation (Note 9) TA = 25°C
Derate above 25
°C
PD
2309
18.47
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 9)
RθJA
54.1
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 9)
R
ψJL4
6.2
°C/W
Total Device Dissipation (Note 10) TA = 25°C
Derate above 25
°C
PD
2713
21.71
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient (Note 10)
RθJA
46.1
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 10)
R
ψJL4
5.7
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +175
°C
NOTE: Lead measurements are made by non−contact methods such as IR with treated surface to increase emissivity to 0.9.
Lead temperature measurement by attaching a T/C may yield values as high as 30% higher
°C/W values based upon empirical
measurements and method of attachment.
5. FR−4 @ 300 mm2, 1 oz. copper traces, still air.
6. FR−4 @ 300 mm2, 2 oz. copper traces, still air.
7. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
8. FR−4 @ 500 mm2, 2 oz. copper traces, still air.
9. FR−4 @ 700 mm2, 1 oz. copper traces, still air.
10. FR−4 @ 700 mm2, 2 oz. copper traces, still air.


Similar Part No. - NSI45060JDT4G_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45060JDT4G ONSEMI-NSI45060JDT4G Datasheet
172Kb / 8P
   Adjustable Constant Current Regulator , LED Driver
October, 2011 ??Rev. 1
More results

Similar Description - NSI45060JDT4G_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
   Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090DDT4G ONSEMI-NSI45090DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com