Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWS12STRR Datasheet(PDF) 1 Page - International Rectifier

Part # 8EWS12STRR
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS12STRR Datasheet(HTML) 1 Page - International Rectifier

  8EWS12STRR Datasheet HTML 1Page - International Rectifier 8EWS12STRR Datasheet HTML 2Page - International Rectifier 8EWS12STRR Datasheet HTML 3Page - International Rectifier 8EWS12STRR Datasheet HTML 4Page - International Rectifier 8EWS12STRR Datasheet HTML 5Page - International Rectifier 8EWS12STRR Datasheet HTML 6Page - International Rectifier 8EWS12STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SURFACE MOUNTABLE
INPUT RECTIFIER DIODE
Bulletin I2108 rev. G 08/00
V
F
< 1V @ 5A
I
FSM = 200A
V
RRM 800 to 1200V
SAFE
IR Series
8EWS..S
NEMAFR-4orG10glassfabric-basedepoxy
1.2
1.6
with4oz (140µm)copper
AluminumIMS,RthCA=15°C/W
2.5
2.8
A
AluminumIMSwithheatsink,RthCA=5°C/W
5.5
6.5
Output Current in Typical Applications
Applications
Single-phase Bridge Three-phase Bridge
Units
TO-252AA (D-Pak)
Major Ratings and Characteristics
Characteristics
8EWS..S
Units
Description/Features
The 8EWS..S rectifier SAFE
IR series has been
optimized for very low forward voltage drop, with
moderate leakage. The glass passivation technology
used has reliable operation up to 150° C junction
temperature.
The High Reverse Voltage range available allows
design of input stage primary rectification with
Outstanding Voltage Surge capability.
Typical applications are in input rectification and these
products are designed to be used with International
Rectifier Switches and Output Rectifiers which are
available in identical package outlines.
TA=55°C,TJ=125°C,footprint300mm2
IF(AV) Sinusoidal
waveform
A
VRRM Range(*)
800 to1200
V
IFSM
200
A
VF
@5A,TJ=25°C
1.0
V
TJ
- 55 to 150
°C
8
Package Outline
(*)
for higher voltage up to 1600V contact factory


Similar Part No. - 8EWS12STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS12STRR IRF-8EWS12STRR Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
8EWS12STRR VISHAY-8EWS12STRR Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
logo
International Rectifier
8EWS12STRRPBF IRF-8EWS12STRRPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
8EWS12STRRPBF VISHAY-8EWS12STRRPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
More results

Similar Description - 8EWS12STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
logo
International Rectifier
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com