Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7211-01UA6 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA7211-01UA6
Description  Ultra-low power stereo codec
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211-01UA6 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA7211-01UA6 Datasheet HTML 1Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 2Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 3Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 4Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 5Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 6Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 7Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 8Page - Dialog Semiconductor DA7211-01UA6 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
4 of 105
© 2015 Dialog Semiconductor
Figure 13: DAC pass band suppression (audio mode, 48 kHz) .......................................................... 34
Figure 14: DA7211 audio signal paths ................................................................................................ 35
Figure 15: Digital signal processing engine (simplified block diagram) .............................................. 38
Figure 16: Direct form I implementation of a second order IIR filter ................................................... 38
Figure 17: Band 5 (LP 50 Hz) frequency response at FS = 48 kHz.................................................... 41
Figure 18: Band 5 (BP 150 Hz) frequency response at FS = 48 kHz ................................................. 41
Figure 19: Band 5 (BP 500 Hz) frequency response at FS = 48 kHz ................................................. 41
Figure 20: Band 5 (BP 2500 Hz) frequency response at FS = 48 kHz ............................................... 42
Figure 21: Band 5 (HP 5000 Hz) frequency response at FS = 48 kHz ............................................... 42
Figure 22: Record only ........................................................................................................................ 43
Figure 23: Record with sound monitor ................................................................................................ 43
Figure 24: Stereo playback (for example, freefield headphone equalisation) ..................................... 44
Figure 25: Sound spatialiser for stereo speaker ................................................................................. 44
Figure 26: Voice mode recording high pass filter (cut-
off frequency setting ‘000’ to ‘111’, 8 kHz) .... 45
Figure 27: Voice mode recording
frequency response (setting ‘001’, 8 kHz) ..................................... 46
Figure 28: Voice mode recording stop band suppression (8 kHz) ...................................................... 46
Figure 29: Voice mode playback high-pass filter (cut-
off frequency setting ‘000’ to ‘111’, 16 kHz)... 47
Figure 30: Voice mode playback frequency response (setting ‘001’, 8 kHz) ...................................... 47
Figure 31: Voice mode playback stop band suppression (8 kHz) ....................................................... 48
Figure 32: Transmit (red), receive (green) and sidetone (blue) sound filtering for phone applications
............................................................................................................................................................. 48
Figure 33: Right justified format .......................................................................................................... 49
Figure 34: Left justified format ............................................................................................................. 50
Figure 35: I2S format........................................................................................................................... 50
Figure 36: DSP format......................................................................................................................... 50
Figure 37: TDM left justified format ..................................................................................................... 51
Figure 38: TDM DSP format ................................................................................................................ 51
Figure 39: PLL master mode start up sequence ................................................................................. 56
Figure 40: Non-PLL mode start-up sequence ..................................................................................... 59
Figure 41: PLL Slave mode start-up sequence ................................................................................... 61
Figure 42: PLL block diagram.............................................................................................................. 62
Figure 43: Schematic of a 2-wire control bus ...................................................................................... 62
Figure 44: 2-wire byte write (SI/DATA line) ......................................................................................... 63
Figure 45: Examples of 2-wire byte read (SI/DATA line) .................................................................... 63
Figure 46: Examples of 2-wire page read (SI/DATA line) ................................................................... 64
Figure 47: 2-wire page write (SI/DATA line)........................................................................................ 64
Figure 48: 2-wire repeated write (SI/DATA line) ................................................................................. 64
Figure 49: 36 bump WL-CSP 0.5mm pitch package outline drawing ............................................... 102
Tables
Table 1: Pin description ....................................................................................................................... 10
Table 2: Absolute maximum ratings .................................................................................................... 13
Table 3: Recommended operating conditions..................................................................................... 13
Table 4: Power dissipation table ......................................................................................................... 14
Table 5: Power consumption figures 1: ............................................................................................... 15
Table 6: Power consumption figures 2: ............................................................................................... 15
Table 7: Electrical characteristics: Microphone bias ........................................................................... 16
Table 8: Electrical characteristics: Input mixing units.......................................................................... 16
Table 9: Electrical characteristics: Analogue to digital converter (ADC) ............................................. 17
Table 10: Electrical characteristics: Digital to analogue converter (DAC)........................................... 18
Table 11: Electrical characteristics: Line out and receiver amplifier ................................................... 19
Table 12: Electrical characteristics: Dynamic charge pump................................................................ 20
Table 13: Electrical characteristics: Headphone amplifier .................................................................. 21
Table 14: Electrical characteristics: Phase locked loop (MCLK) ......................................................... 22
Table 15: Electrical characteristics: Digital I/O .................................................................................... 22
Table 16: I2S/DSP timing characteristics ............................................................................................ 23
Table 17: 2-wire control timing characteristics .................................................................................... 24


Similar Part No. - DA7211-01UA6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7211-01UA6 RENESAS-DA7211-01UA6 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
More results

Similar Description - DA7211-01UA6

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
   Ultra-Low Power Stereo Codec
23-Feb-2022
logo
Dialog Semiconductor
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
   Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
   Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
   Ultra-Low Power Stereo Codec
24-Dec-2021
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com