Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7217 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA7217
Description  Ultra-Low Power Stereo Codec
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7217 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA7217 Datasheet HTML 1Page - Dialog Semiconductor DA7217 Datasheet HTML 2Page - Dialog Semiconductor DA7217 Datasheet HTML 3Page - Dialog Semiconductor DA7217 Datasheet HTML 4Page - Dialog Semiconductor DA7217 Datasheet HTML 5Page - Dialog Semiconductor DA7217 Datasheet HTML 6Page - Dialog Semiconductor DA7217 Datasheet HTML 7Page - Dialog Semiconductor DA7217 Datasheet HTML 8Page - Dialog Semiconductor DA7217 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 171 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
1 of 171
© 2016 Dialog Semiconductor
General Description
DA7217 is a high-performance, low-power audio codec optimized for use in headsets or wearable
devices. It has differential headphone outputs for use inside headset devices, offering excellent left to
right channel separation and common mode noise rejection. DA7217 also has a stereo DAC to
headphone output path and ultra-low power operating modes to support always-on audio detect
applications.
DA7217 contains two analog microphone input paths, or up to four digital microphone input paths, or
a combination of both. The other chip in this family, the DA7218, has single-ended headphone
outputs, and has been designed with headphone detect for use in accessories.
Key Features
High performance stereo DAC to headphone
playback path with 110 dB dynamic range
4 mW stereo playback power consumption
DAC digital filters with audio and voice mode
options, five-band equalizer and five
programmable biquad stages
Dedicated low-latency digital sideband filter
with three programmable biquad stages
High performance microphone to ADC record
path with 105 dB dynamic range
2.5 mW stereo record power consumption
ADC digital filters with audio and voice mode
options
500 µW always-on record mode with
automatic level detection
Hybrid analog / digital automatic level control
to dynamically control the record level
Shutdown mode offering current consumption
during standby of 2.5 µA
Two low-noise microphone bias regulators
with programmable output voltage and ultra-
low power mode
A high efficiency two-level, true-ground charge
pump for generating class-G headphone
supplies
Voice mode filtering up to 32 kHz
Flexible digital mixing from all seven inputs to
all six outputs with independent gain on each
mixer path
Ability to run the ADCs at a different sample
rate to the DACs on a single I
2S interface
Digital tone generator with built-in support for
DTMF
System controller for simplified, pop-free start-
up and shutdown
Phase-locked loop with sample rate tracking
supporting MCLK frequencies from 2 MHz to
54 MHz
Automatic tuning of on-chip reference
oscillator for clock-free operation in low-power
modes
4-wire digital audio interface with support for
I
2S, four-channel I2S, TDM and other audio
formats
2-wire I2C compatible control interface with
support for High Speed mode up to 3.4 MHz
24-bit data at up to 96 kHz sample rate
The headphone amplifier can be run directly
from the supply, thus eliminating the need for
charge pump capacitors
Applications
Hearables
Wireless and wired headphones
Wireless and wired headsets


Similar Part No. - DA7217

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
   Ultra-Low Power Stereo Codec
23-Feb-2022
More results

Similar Description - DA7217

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
   Ultra-Low Power Stereo Codec
23-Feb-2022
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
   Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
   Ultra-Low Power Stereo Codec
24-Dec-2021
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com