Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9053-XXHA2 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # DA9053-XXHA2
Description  Flexible High-Power System PMIC with Switching USB Power Manager
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053-XXHA2 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA9053-XXHA2 Datasheet HTML 4Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 5Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 6Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 7Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 8Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 9Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 10Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 11Page - Dialog Semiconductor DA9053-XXHA2 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
8 of 183
© 2016 Dialog Semiconductor
Table 44: 4-Wire Clock Configurations................................................................................................ 63
Table 45: Wake-Up Events.................................................................................................................. 73
Table 46: Power Sequencer Controlled Actions.................................................................................. 75
Table 47: Register Page 0................................................................................................................... 79
Table 48: Power Sequencer Control Registers ................................................................................. 100
Table 49: Buck Current Limit and Coil Saturation Current Limit ....................................................... 107
Table 50: Power Supply Control Registers ....................................................................................... 108
Table 51: Thermal Charge Current Control....................................................................................... 129
Table 52: Charging Control Registers ............................................................................................... 131
Table 53: Backup Battery Charging Control Registers ..................................................................... 136
Table 54: Boost and LED Driver Control Registers........................................................................... 138
Table 55: Registers Summary ........................................................................................................... 148
Table 56: GP-ADC Control Registers................................................................................................ 149
Table 57: TSI Control Registers ........................................................................................................ 154
Table 58: RTC Calendar and Alarm Control Registers ..................................................................... 157
Table 59: Customer OTP Registers .................................................................................................. 160
Table 60: Recommended Capacitor Types:...................................................................................... 169
Table 61: Recommended Inductor Types ......................................................................................... 170
Table 62: Recommended Resistor Types ......................................................................................... 171
Table 63: Recommended Schottky Diode and Transistor Types...................................................... 171
Table 64: Example Backup Battery Types ........................................................................................ 171
Table 65: Example Battery Pack Temperature Sensor ..................................................................... 172
Table 66: Recommended Crystal Type ............................................................................................. 172
Table 67: Ordering Information ......................................................................................................... 181


Similar Part No. - DA9053-XXHA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
   Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
More results

Similar Description - DA9053-XXHA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
   Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
logo
Dialog Semiconductor
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
   Flexible system PMIC with high-efficiency USB power manager
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
   System PMIC with high efficiency USB power manager
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com